Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 5 Page - Midas Components

Part # MPBV7
Description  OLED Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 5 Page - Midas Components

  MPBV7 Datasheet HTML 1Page - Midas Components MPBV7 Datasheet HTML 2Page - Midas Components MPBV7 Datasheet HTML 3Page - Midas Components MPBV7 Datasheet HTML 4Page - Midas Components MPBV7 Datasheet HTML 5Page - Midas Components MPBV7 Datasheet HTML 6Page - Midas Components MPBV7 Datasheet HTML 7Page - Midas Components MPBV7 Datasheet HTML 8Page - Midas Components MPBV7 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Contour Drawing & Block Diagram
The non-specified tolerance of dimension is 0.3mm.
View Direction
0.50¡ Ó
0.5
View Direction
Polarizer
0.70¡ Ó
0.1
1.10¡ Ó
0.1
0.25
2.15¡ Ó
0.1
SILICON
TAPE
60.50¡ Ó
0.2
57.01(VA)
1.75
2.75
POL 59.50¡ Ó
0.2
Dots 128*64
55.01 (AA)
0.50
Segment 127
(Column 128)
Common 63
(Row 63)
Common 32
(Row 1)
Segment 0
(Column 1)
Common 31
(Row 62)
Common 0
(Row 0)
Contact side
Stiffenner
Detail DOTS Scale 1:10
0.40
0.43
0.30¡ Ó
0.03
1
24
10.40¡ Ó
0.1
12.50¡ Ó
0.1
0.50¡ Ó
0.1
P0.5*23=11.50¡ Ó
0.05
W=0.30
24
NC(GND)
8
E/RD#
23
VCC
7
R/W#
22
IREF
6
D/C#
21
D7
5
RES#
20
D6
4
CS#
19
D5
3
BS2
18
D4
2
BS1
17
D3
1
16
D2
15
D1
14
D0
VSS
13
12
11
10
9
NC
VCOMH
NC(GND)
VDD
VLSS
PIN NO. SYMBOL
1
24
Page 5 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com