Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 3 Page - Midas Components

Part # MPBV7
Description  OLED Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 3 Page - Midas Components

  MPBV7 Datasheet HTML 1Page - Midas Components MPBV7 Datasheet HTML 2Page - Midas Components MPBV7 Datasheet HTML 3Page - Midas Components MPBV7 Datasheet HTML 4Page - Midas Components MPBV7 Datasheet HTML 5Page - Midas Components MPBV7 Datasheet HTML 6Page - Midas Components MPBV7 Datasheet HTML 7Page - Midas Components MPBV7 Datasheet HTML 8Page - Midas Components MPBV7 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Interface Pin Function
No. Symbol Function
1
VSS Ground pin. It must be connected to external ground.
2
VCC Power supply for panel driving voltage. This is also the most positive power
voltage supply pin. It is supplied by external high voltage source.
3
VCOMH
COM signal deselected voltage level.
A capacitor should be connected between this pin and VSS. No external
power supply is allowed to connect to this pin.
4
VCI
Low voltage power supply and power supply for interface logic level. It should
match with the MCU interface voltage level and must be connected to
external source.
VCI must always set to be equivalent to or higher than VDD.
5
VDD Power supply pin for core logic operation.
6
BS1 MCU bus interface selection pins. Select appropriate logic setting as
described in the following table. BS2, BS1 and BS0 are pin select.
Bus Interface selection
BS[2:1]
Interface
00
4 line SPI
01
I2C
11
8-bit 8080 parallel
10
8-bit 6800 parallel
Note
(1) 0 is connected to VSS
(2) 1 is connected to VCI
7
BS2
8
VSS Ground pin. It must be connected to external ground.
9
IREF This pin is the segment output current reference pin
10
CS#
This pin is the chip select input connecting to the MCU.
The chip is enabled for MCU communication only when CS# is pulled LOW
(active LOW).
11
RES#
This pin is reset signal input.
When the pin is pulled LOW, initialization of the chip is executed.
Keep this pin pull HIGH during normal operation.
Page 3 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com