Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV7 Datasheet(PDF) 7 Page - Midas Components

Part # MPBV7
Description  OLED Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV7 Datasheet(HTML) 7 Page - Midas Components

Back Button MPBV7 Datasheet HTML 3Page - Midas Components MPBV7 Datasheet HTML 4Page - Midas Components MPBV7 Datasheet HTML 5Page - Midas Components MPBV7 Datasheet HTML 6Page - Midas Components MPBV7 Datasheet HTML 7Page - Midas Components MPBV7 Datasheet HTML 8Page - Midas Components MPBV7 Datasheet HTML 9Page - Midas Components MPBV7 Datasheet HTML 10Page - Midas Components MPBV7 Datasheet HTML 11Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Notes
Supply Voltage for Operation
VCI
-0.3
4.0
V
1, 2
Supply Voltage for Logic
VDD
-0.5
2.75
V
1, 2
Supply Voltage for Display
VCC
-0.5
19.0
V
1, 2
Operating Temperature
TOP
-40
+80
°C
-
Storage Temperature
TSTG
-40
+85
°C
-
Note 1: All the above voltages are on the basis of “VSS = 0V”.
Note 2: When this module is used beyond the above absolute maximum ratings, permanent
breakage of the module may occur. Also, for normal operations, it is desirable to use this
module under the conditions according to Section6 “Electrical Characteristics”. If this module is
used beyond these conditions, malfunctioning of the module can occur and the reliability of the
module may deteriorate.
Electrical Characteristics
Item
Symbol Condition
Min
Typ
Max
Unit
Supply Voltage for Logic
VCI
Note
2.8
3.0
3.3
V
Supply Voltage for Display VCC
-
14.0
14.5
15.0
V
High Level Input
VIH
-
0.8×VCI
-
VCI
V
Low Level Input
VIL
-
0
-
0.2×VCI
V
High Level Output
VOH
-
0.9×VCI
-
VCI
V
Low Level Output
VOL
-
0
-
0.1×VDDIO
V
50% Check Board operating
Current
VCC =14.5V
23
24
26
mA
Note: Supply Voltage for Logic = VDD core power supply can be regulated from VCI.
Page 7 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com