Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD80C0AFPS-C Datasheet(PDF) 1 Page - Rohm

Part # BD80C0AFPS-C
Description  For Automotive 1A, 8.0V Output LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD80C0AFPS-C Datasheet(HTML) 1 Page - Rohm

  BD80C0AFPS-C Datasheet HTML 1Page - Rohm BD80C0AFPS-C Datasheet HTML 2Page - Rohm BD80C0AFPS-C Datasheet HTML 3Page - Rohm BD80C0AFPS-C Datasheet HTML 4Page - Rohm BD80C0AFPS-C Datasheet HTML 5Page - Rohm BD80C0AFPS-C Datasheet HTML 6Page - Rohm BD80C0AFPS-C Datasheet HTML 7Page - Rohm BD80C0AFPS-C Datasheet HTML 8Page - Rohm BD80C0AFPS-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays.
.
1/23
TSZ02201-0G1G1A600030-1-2
© 2017 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111 • 14 • 001
22.Dec.2017 Rev.001
For Automotive
1A, 8.0V Output LDO Regulator
BD80C0AFPS-C
General Description
The BD80C0AFPS-C is a low-saturation regulator which is
8.0V output voltage and 1A output current capability.
Electrolytic, tantalum and ceramic capacitors can be used
as output capacitor to prevent oscillation. The IC has a
built-in over current protection circuit that prevents the
destruction of the IC due to output short circuits and a
thermal shutdown circuit that protects the IC from thermal
damage due to overloading.
Features
AEC-Q100 Qualified(Note 1)
Over Current Protection (OCP)
Thermal Shutdown Protection (TSD)
(Note 1) Grade 1
Key Specifications
Temperature Range (Ta):
-
40°C to +125°C
Operating Input Range:
9.0V to 26.5V
Circuit Current:
0.6mA (Typ)
Output Current Capability:
1A
High Output Voltage Accuracy:
±1%(Ta = +25 °C)
±3%(-40 °C ≤ Ta ≤ +125 °C)
Package
W(Typ) x D(Typ) x H(Max)
TO252S-3
6.50mm x 9.50mm x 1.30mm
Applications
Power Train
Body
Audio System
Navigation System
Typical Application Circuit
VCC and VO pin capacitors: 1 μF ≤ CIN (Min), 1 μF ≤ CO (Min)
Please refer to the "Application and Implemention".
Typical Application Circuit
VCC
GND
VO
Co
CIN
VCC
Datasheet


Similar Part No. - BD80C0AFPS-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD80C0AFPS-C ROHM-BD80C0AFPS-C Datasheet
1Mb / 27P
For Automotive 1A, 8.0V Output LDO Regulator
More results

Similar Description - BD80C0AFPS-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
1A Variable Fixed Output LDO Regulator
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
1A Variable Output LDO Regulator
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
Single-Output LDO Regulator 1A Fixed Output LDO Regulators
logo
Asahi Kasei Microsystem...
AP1154ADLXX AKM-AP1154ADLXX Datasheet
1Mb / 31P
14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
14V Input / 1A Output LDO Regulator
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
14V Input / 1A Output LDO Regulator
logo
Rohm
BD80C0AFPS-C ROHM-BD80C0AFPS-C Datasheet
1Mb / 27P
For Automotive 1A, 8.0V Output LDO Regulator
logo
Maxim Integrated Produc...
MAX25301A MAXIM-MAX25301A Datasheet
468Kb / 15P
1A Automotive Low-Noise LDO Linear Regulator
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com