Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD80C0AFPS-C Datasheet(PDF) 5 Page - Rohm

Part # BD80C0AFPS-C
Description  For Automotive 1A, 8.0V Output LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD80C0AFPS-C Datasheet(HTML) 5 Page - Rohm

  BD80C0AFPS-C Datasheet HTML 1Page - Rohm BD80C0AFPS-C Datasheet HTML 2Page - Rohm BD80C0AFPS-C Datasheet HTML 3Page - Rohm BD80C0AFPS-C Datasheet HTML 4Page - Rohm BD80C0AFPS-C Datasheet HTML 5Page - Rohm BD80C0AFPS-C Datasheet HTML 6Page - Rohm BD80C0AFPS-C Datasheet HTML 7Page - Rohm BD80C0AFPS-C Datasheet HTML 8Page - Rohm BD80C0AFPS-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5/23
TSZ02201-0G1G1A600030-1-2
© 2017 ROHM Co., Ltd. All rights reserved.
www.rohm.com
BD80C0AFPS-C
TSZ22111 • 15 • 001
22.Dec.2017 Rev.001
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Supply Voltage(Note 1)
VCC
-
0.3 to +35.0
V
Output Voltage
VO
-
0.3 to +16.0
V
Operating Ambient Temperature Range
Ta
-
40 to +125
°C
Storage Temperature Range
Tstg
-
55 to +150
°C
Maximum Junction Temperature
Tjmax
+150
°C
Caution 1: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is
operated over the absolute maximum ratings.
Caution 2: Should by any chance the maximum junction temperature rating be exceeded the rise in temperature of the chip may result in deterioration of the
properties of the chip. In case of exceeding this absolute maximum rating, design a PCB boards with thermal resistance and power dissipation taken
into consideration by increasing board size and copper area so as not to exceed the maximum junction temperature rating.
(Note 1) Do not exceed Tjmax.
Thermal Resistance(Note 1)
Parameter
Symbol
Thermal Resistance(Typ)
Unit
1s(Note 3)
2s2p(Note 4)
TO252S-3
Junction to Ambient
θJA
155.4
24.3
°C/W
Junction to Top Characterization Parameter(Note 2)
ΨJT
8
3
°C/W
(Note 1) Based on JESD51-2A(Still-Air)
(Note 2) The thermal characterization parameter to report the difference between junction temperature and the temperature at the top center of the outside surface
of the component package.
(Note 3) Using a PCB board based on JESD51-3.
Layer Number of
Measurement Board
Material
Board Size
Single
FR-4
114.3mm x 76.2mm x 1.57mmt
Top
Copper Pattern
Thickness
Footprints and Traces
70μm
(Note 4) Using a PCB board based on JESD51-5, 7.
Layer Number of
Measurement Board
Material
Board Size
Thermal Via(Note 5)
Pitch
Diameter
4 Layers
FR-4
114.3mm x 76.2mm x 1.6mmt
1.20mm
Φ0.30mm
Top
2 Internal Layers
Bottom
Copper Pattern
Thickness
Copper Pattern
Thickness
Copper Pattern
Thickness
Footprints and Traces
70μm
74.2mm x 74.2mm
35μm
74.2mm x 74.2mm
70μm
(Note 5) This thermal via connects with the copper pattern of all layers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com