Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16505-1/PCBZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16505-1/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-1/PCBZ Datasheet(HTML) 3 Page - Analog Devices

  ADIS16505-1/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16505-1/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16505-1/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16505-1/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16505-1/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16505-1/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16505-1/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16505-1/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16505-1/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Data Sheet
ADIS16505
Rev. C | Page 3 of 41
SPECIFICATIONS
Case temperature (TC) = 25°C, VDD = 3.3 V, angular rate = 0°/sec, and dynamic range = ±2000°/sec ± 1 g, unless otherwise noted. 1 g is
the acceleration due to gravity and assumed to be 9.8 m/sec2.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GYROSCOPES
Dynamic Range
ADIS16505-1
±125
°/sec
ADIS16505-2
±500
°/sec
ADIS16505-3
±2000
°/sec
Sensitivity
ADIS16505-1, 16-bit data format
160
LSB/°/sec
ADIS16505-2, 16-bit data format
40
LSB/°/sec
ADIS16505-3, 16-bit data format
10
LSB/°/sec
ADIS16505-1, 32-bit data format
10,485,760
LSB/°/sec
ADIS16505-2, 32-bit data format
2,621,440
LSB/°/sec
ADIS16505-3, 32-bit data format
655,360
LSB/°/sec
Error over Temperature
ADIS16505-1, −40°C ≤ TC ≤ +85°C, 1σ
±0.5
%
ADIS16505-2, −40°C ≤ TC ≤ +85°C, 1σ
±0.5
%
ADIS16505-3, −40°C ≤ TC ≤ +85°C, 1σ
±0.3
%
Misalignment Error1
Axis to axis, −40°C ≤ TC ≤ +85°C, 1 σ
±0.25
Degrees
Nonlinearity2
ADIS16505-1, full scale (FS) = 125°/sec
0.2
%FS
ADIS16505-2, FS = 500°/sec
0.2
%FS
ADIS16505-3, FS = 2000°/sec
0.2
%FS
Bias
Repeatability3
−40°C ≤ TC ≤ +85°C, 1 σ, x-axis and z-axis
0.14
°/sec
−40°C ≤ TC ≤ +85°C, 1 σ, y-axis
1.4
°/sec
In-Run Bias Stability
ADIS16505-1, 1 σ, x-axis
1.5
°/hr
ADIS16505-1, 1 σ, y-axis
2.3
°/hr
ADIS16505-1, 1 σ, z-axis
1.7
°/hr
ADIS16505-2, 1 σ, x-axis
2.2
°/hr
ADIS16505-2, 1 σ, y-axis
2.7
°/hr
ADIS16505-2, 1 σ, z-axis
1.6
°/hr
ADIS16505-3, 1 σ, x-axis
7.5
°/hr
ADIS16505-3, 1 σ, y-axis
8.1
°/hr
ADIS16505-3, 1 σ, z-axis
4.9
°/hr
Angular Random Walk
ADIS16505-1, x-axis and y-axis, 1 σ
0.13
°/√hr
ADIS16505-1, z-axis, 1 σ
0.19
°/√hr
ADIS16505-2, x-axis and y-axis, 1 σ
0.15
°/√hr
ADIS16505-2, z-axis, 1 σ
0.2
°/√hr
ADIS16505-3, x-axis and y-axis, 1 σ
0.29
°/√hr
ADIS16505-3, z-axis, 1 σ
0.32
°/√hr
Error over Temperature
−40°C ≤ TC ≤ +85°C, 1 σ, x-axis and z-axis
±0.3
°/sec
−40°C ≤ TC ≤ +85°C, 1 σ, y-axis
±0.7
°/sec
Linear Acceleration Effect
X-axis, 1 σ
0.572 × 10−3
(°/sec)/(m/sec2)
Y-axis, 1 σ
1.02 × 10−3
(°/sec)/(m/sec2)
Z-axis, 1 σ
0.045 × 10−3
(°/sec)/(m/sec2)
Vibration Rectified Error (VRE)
X-axis, random vibration, 19.6 m/sec2 rms,
50 Hz to 2 kHz
3.1 × 10−6
(°/sec)/(m/sec2)2
Y-axis, random vibration, 19.6 m/sec2 rms,
50 Hz to 2 kHz
5.6 × 10−6
(°/sec)/(m/sec2)2
Z-axis, random vibration, 19.6 m/sec2 rms,
50 Hz to 2 kHz
0.3 × 10−6
(°/sec)/(m/sec2)2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com