Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16505-1/PCBZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADIS16505-1/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-1/PCBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIS16505-1/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16505-1/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16505-1/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16505-1/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16505-1/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16505-1/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16505-1/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16505-1/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16505-1/PCBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Data Sheet
ADIS16505
Rev. C | Page 7 of 41
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Mechanical Shock Survivability
Any Axis, Unpowered, 0.5 ms ,
½ Sine.
14,700 m/sec2
VDD to GND
−0.3 V to +3.6 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.2 V
Digital Output Voltage to GND
−0.3 V to VDD + 0.2 V
Temperature Range
Calibration
−40°C to +85°C
Operating
−40°C to +105°C
Storage1
−65°C to +150°C
Barometric Pressure
2 bar
1 Extended exposure to temperatures that are lower than −40°C or higher
than +105°C can adversely affect the accuracy of the factory calibration.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
The ADIS16505 is a multichip module that includes many
active components. The values in Table 4 identify the thermal
response of the hottest component inside of the ADIS16505,
with respect to the overall power dissipation of the module.
This approach enables a simple method for predicting the
temperature of the hottest junction, based on either ambient
or case temperature.
For example, when the ambient temperature is 70°C, the hottest
junction temperature (TJ) inside of the ADIS16505 is 76.7°C.
TJ = θJA × VDD × IDD + 70°C
TJ = 107.1°C/W × 3.3 V × 0.044 A + 70°C
TJ = 85.6°C
Table 4. Package Characteristics
Package Type
θJA1
θJC2
Device Weight
ML-100-13
107.1°C/W
74.7°C/W
<1.75 g
1 θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure.
2 θJC is the junction to case thermal resistance.
3 Thermal impedance values come from direct observation of the hottest
temperature inside of the ADIS16505 when it is attached to an FR4-08 PCB
that has two metal layers and has a thickness of 0.063 inches.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com