Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP-CM407CSWZ-DF Datasheet(PDF) 55 Page - Analog Devices

Part # ADSP-CM407CSWZ-DF
Description  Mixed-Signal Control Processor with ARM Cortex-M4 and 16-Bit ADCs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-CM407CSWZ-DF Datasheet(HTML) 55 Page - Analog Devices

Back Button ADSP-CM407CSWZ-DF Datasheet HTML 51Page - Analog Devices ADSP-CM407CSWZ-DF Datasheet HTML 52Page - Analog Devices ADSP-CM407CSWZ-DF Datasheet HTML 53Page - Analog Devices ADSP-CM407CSWZ-DF Datasheet HTML 54Page - Analog Devices ADSP-CM407CSWZ-DF Datasheet HTML 55Page - Analog Devices ADSP-CM407CSWZ-DF Datasheet HTML 56Page - Analog Devices ADSP-CM407CSWZ-DF Datasheet HTML 57Page - Analog Devices ADSP-CM407CSWZ-DF Datasheet HTML 58Page - Analog Devices ADSP-CM407CSWZ-DF Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 124 page
background image
Rev. A
|
Page 55 of 124
|
November 2015
ADSP-CM402F/CM403F/CM407F/CM408F/CM409F
PA_15
I/O
A
pu or
none
pu
none
VDD_EXT
Desc: PA Position 15 | PWM1 Channel B Low Side | TM0 Timer
3 | SMC0 Data 7
Notes: By default, the internal termination pull-up is active.
The state of pull-ups can be configured by configuring the
PORT_INEN and PADS_PCFG0 registers.
PB_00
I/O
A
pu or
none
pu
none
VDD_EXT
Desc: PB Position 0 | PWM0 Channel D High Side | Embedded
Trace Module Clock | SPORT0 Channel A Clock | SMC0 Data 8
| CNT0 Count Zero Marker
Notes: By default, the internal termination pull-up is active.
The state of pull-ups can be configured by configuring the
PORT_INEN and PADS_PCFG0 registers.
PB_01
I/O
A
pu or
none
pu
none
VDD_EXT
Desc: PB Position 1 | PWM0 Channel D Low Side | Embedded
Trace Module Data 0 | SPORT0 Channel A Frame Sync | SMC0
Data 9 | CNT0 Count Up and Direction
Notes: By default, the internal termination pull-up is active.
The state of pull-ups can be configured by configuring the
PORT_INEN and PADS_PCFG0 registers.
PB_02
I/O
A
pu or
none
pu
none
VDD_EXT
Desc: PB Position 2 | PWM1 Channel D High Side | Embedded
Trace Module Data 1 | SPORT0 Channel A Data 0 | SMC0 Data
10 | CNT0 Count Down and Gate
Notes: By default, the internal termination pull-up is active.
The state of pull-ups can be configured by configuring the
PORT_INEN and PADS_PCFG0 registers.
PB_03
I/O
A
pu or
none
pu
none
VDD_EXT
Desc: PB Position 3 | PWM1 Channel D Low Side | Embedded
Trace Module Data 2 | SPORT0 Channel A Data 1 | SMC0 Data
11 | CNT1 Count Zero Marker
Notes: By default, the internal termination pull-up is active.
The state of pull-ups can be configured by configuring the
PORT_INEN and PADS_PCFG0 registers.
PB_04
I/O
A
pu or
none
pu
none
VDD_EXT
Desc: PB Position 4 | PWM2 Sync | UART0 Request to Send |
SPORT0 Channel A Transmit Data Valid | SMC0 Data 12 | CNT1
Count Up and Direction
Notes: By default, the internal termination pull-up is active.
The state of pull-ups can be configured by configuring the
PORT_INEN and PADS_PCFG0 registers.
PB_05
I/O
A
pu or
none
pu
none
VDD_EXT
Desc: PB Position 5 | PWM2 Trip Input 0 | UART0 Clear to Send
| TM0 Timer 7 | SMC0 Data 13 | CNT1 Count Down and Gate
Notes: By default, the internal termination pull-up is active.
The state of pull-ups can be configured by configuring the
PORT_INEN and PADS_PCFG0 registers.
PB_06
I/O
A
pu or
none
pu
none
VDD_EXT
Desc: PB Position 6 | PWM2 Channel A High Side | TM0
Common Clock | SPI1 Slave Select Output 2 | SMC0 Data 14
Notes: By default, the internal termination pull-up is active.
The state of pull-ups can be configured by configuring the
PORT_INEN and PADS_PCFG0 registers.
PB_07
I/O
A
pu or
none
pu
none
VDD_EXT
Desc: PB Position 7 | PWM2 Channel A Low Side | TM0 Timer 0
| SPI1 Slave Select Output 3 | SMC0 Data 15 | Capture Timer0
Input 0
Notes: By default, the internal termination pull-up is active.
The state of pull-ups can be configured by configuring the
PORT_INEN and PADS_PCFG0 registers.
Table 25. ADSP-CM40xF Designer Quick Reference (Continued)
Signal Name
Type
Driver
Type
Int
Term
Reset
Term
Reset
Drive
Power
Domain
Description
and Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com