Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP-CM407CSWZ-DF Datasheet(PDF) 12 Page - Analog Devices

Part # ADSP-CM407CSWZ-DF
Description  Mixed-Signal Control Processor with ARM Cortex-M4 and 16-Bit ADCs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-CM407CSWZ-DF Datasheet(HTML) 12 Page - Analog Devices

Back Button ADSP-CM407CSWZ-DF Datasheet HTML 8Page - Analog Devices ADSP-CM407CSWZ-DF Datasheet HTML 9Page - Analog Devices ADSP-CM407CSWZ-DF Datasheet HTML 10Page - Analog Devices ADSP-CM407CSWZ-DF Datasheet HTML 11Page - Analog Devices ADSP-CM407CSWZ-DF Datasheet HTML 12Page - Analog Devices ADSP-CM407CSWZ-DF Datasheet HTML 13Page - Analog Devices ADSP-CM407CSWZ-DF Datasheet HTML 14Page - Analog Devices ADSP-CM407CSWZ-DF Datasheet HTML 15Page - Analog Devices ADSP-CM407CSWZ-DF Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 124 page
background image
Rev. A
|
Page 12 of 124
|
November 2015
ADSP-CM402F/CM403F/CM407F/CM408F/CM409F
The timer unit can be used in conjunction with the UARTs and
the CAN controller to measure the width of the pulses in the
data stream to provide a software auto-baud detect function for
the respective serial channels.
The timer can generate interrupts to the processor core, provid-
ing periodic events for synchronization to either the system
clock or to external signals. Timer events can also trigger other
peripherals via the TRU (for instance, to signal a fault).
Watchdog Timer (WDT)
The core includes a 32-bit timer, which may be used to imple-
ment a software watchdog function. A software watchdog can
improve system availability by forcing the processor to a known
state, via generation of a general-purpose interrupt, if the timer
expires before being reset by software. The programmer initial-
izes the count value of the timer, enables the appropriate
interrupt, then enables the timer. Thereafter, the software must
reload the counter before it counts to zero from the pro-
grammed value. This protects the system from remaining in an
unknown state where software, which would normally reset the
timer, has stopped running due to an external noise condition
or software error. Optionally, the fault management unit (FMU)
can directly initiate the processor reset upon the watchdog
expiry event.
Capture Timer (CPTMR)
The processor includes three instants of capture timers
(CPTMR) to capture total on time. Each capture timer captures
total on time of the input signal between two leading edges of
the input trigger signal. Capture timer inputs to all the timers
come from external pins and the input trigger signal comes
from trigger routing unit (TRU).
The core of the timer is a 32-bit counter which is reset at leading
edge of the trigger and counts when the input signal level is
active. The total on time of the input signal is captured from the
counter at the leading edge of the trigger pulse. Capture timer
can generate data interrupts to the processor core at leading
edges of trigger pulses and status interrupts to indicate counter
overflow condition.
3-Phase Pulse Width Modulator Unit (PWM)
The pulse width modulator (PWM) unit provides duty cycle
and phase control capabilities to a resolution of one system
clock cycle (SCLK). The heightened precision PWM (HPPWM)
module provides increased performance to the PWM unit by
increasing its resolution by several bits, resulting in enhanced
precision levels. Additional features include:
• 16-bit center-based PWM generation unit
•Programmable PWM pulse width
• Single/double update modes
• Programmable dead time and switching frequency
• Twos-complement implementation which permits smooth
transition to full on and full off states
• Dedicated asynchronous PWM trip signal
The eight PWM output signals (per PWM unit) consist of four
high-side drive signals and four low-side drive signals. The
polarity of a generated PWM signal can be set with software, so
that either active high or active low PWM patterns can be
produced.
Each PWM block integrates a flexible and programmable
3-phase PWM waveform generator that can be programmed to
generate the required switching patterns to drive a 3-phase
voltage source inverter for ac induction motor (ACIM) or per-
manent magnet synchronous motor (PMSM) control. In
addition, the PWM block contains special functions that con-
siderably simplify the generation of the required PWM
switching patterns for control of the electronically commutated
motor (ECM) or permanent magnet synchronous motor
(PMSM) control. Software can enable a special mode for
switched reluctance motors (SRM).
Each PWM unit features a dedicated asynchronous trip pin
which (when brought low) instantaneously places all PWM out-
puts in the off state.
Serial Ports (SPORTs)
The synchronous serial ports provide an inexpensive interface
to a wide variety of digital and mixed-signal peripheral devices
such as Analog Devices, Inc., audio codecs, ADCs, and DACs.
The serial ports are made up of two data lines per direction, a
clock, and frame sync. The data lines can be programmed to
either transmit or receive and each data line has a dedicated
DMA channel.
Serial port data can be automatically transferred to and from
on-chip memory/external memory via dedicated DMA chan-
nels.For full-duplex operation, two half SPORTs can work in
conjunction with clock and frame sync signals shared internally
through the SPMUX block. In some operation modes, SPORT
supports gated clock.
Serial ports operate in six modes:
• Standard DSP serial mode
•Multichannel (TDM) mode
•I2S mode
•Packed I2S mode
• Left-justified mode
•Right-justified mode
General-Purpose Counters
The 32-bit counter can operate in general-purpose up/down
count modes and can sense 2-bit quadrature or binary codes as
typically emitted by industrial drives or manual thumbwheels.
Count direction is either controlled by a level-sensitive input
pin or by two edge detectors.
A third counter input can provide flexible zero marker support
and can alternatively be used to input the push-button signal of
thumb wheels. All three pins have a programmable debouncing
circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com