Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

08052C102CAT2A Datasheet(PDF) 32 Page - AVX Corporation

Part # 08052C102CAT2A
Description  Multilayer Ceramic Chip Capacitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08052C102CAT2A Datasheet(HTML) 32 Page - AVX Corporation

Back Button 08052C102CAT2A Datasheet HTML 28Page - AVX Corporation 08052C102CAT2A Datasheet HTML 29Page - AVX Corporation 08052C102CAT2A Datasheet HTML 30Page - AVX Corporation 08052C102CAT2A Datasheet HTML 31Page - AVX Corporation 08052C102CAT2A Datasheet HTML 32Page - AVX Corporation 08052C102CAT2A Datasheet HTML 33Page - AVX Corporation 08052C102CAT2A Datasheet HTML 34Page - AVX Corporation 08052C102CAT2A Datasheet HTML 35Page - AVX Corporation 08052C102CAT2A Datasheet HTML 36Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
31
0805
Size
(L" x W")
5
Voltage
50V = 5
100V = 1
200V = 2
C
Dielectric
1B CG = A
2R1 = C
2F4 = G
103
Capacitance
Code
M
Capacitance
Tolerance
See Dielectrics
C0G, X7R, Y5V
T
Specification
CECC32101-801
T
Terminations
T = Plated Ni
and Sn
2
Marking
Packaging
2 = 7" Reel
4 = 13" Reel
A
Special
Code
A = Std.
Product
PART NUMBER (example)
RANGE OF APPROVED COMPONENTS
Case
Dielectric
Voltage and Capacitance Range
Size
Type
50V
100V
200V
1BCG
0603
1B CG
0.47pF - 150pF
0.47pF - 120pF
0.47pF - 100pF
0805
1B CG
0.47pF - 560pF
0.47pF - 560pF
0.47pF - 330pF
1206
1B CG
0.47pF - 3.3nF
0.47pF - 3.3nF
0.47pF - 1.5nF
1210
1B CG
0.47pF - 4.7nF
0.47pF - 4.7nF
0.47pF - 2.7nF
1808
1B CG
0.47pF - 6.8nF
0.47pF - 6.8nF
0.47pF - 4.7nF
1812
1B CG
0.47pF - 15nF
0.47pF - 15nF
0.47pF - 10nF
2220
1B CG
0.47pF - 39nF
0.47pF - 39nF
0.47pF - 15nF
2R1
0603
2R1
10pF - 6.8nF
10pF - 6.8nF
10pF - 1.2nF
0805
2R1
10pF - 33nF
10pF - 18nF
10pF - 3.3nF
1206
2R1
10pF - 100nF
10pF - 68nF
10pF - 18nF
1210
2R1
10pF - 150nF
10pF - 100nF
10pF - 27nF
1808
2R1
10pF - 270nF
10pF - 180nF
10pF - 47nF
1812
2R1
10pF - 470nF
10pF - 330nF
10pF - 100nF
2220
2R1
10pF - 1.2µF
10pF - 680nF
10pF - 220nF
2F4
0805
2F4
10pF - 100nF
1206
2F4
10pF - 330nF
1210
2F4
10pF - 470nF
1808
2F4
10pF - 560nF
1812
2F4
10pF - 1.8µF
2220
2F4
10pF - 2.2µF
European Detail Specifications
CECC 32 101-801/Chips
Standard European Ceramic Chip Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com