Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

08052C102CAT2A Datasheet(PDF) 35 Page - AVX Corporation

Part # 08052C102CAT2A
Description  Multilayer Ceramic Chip Capacitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08052C102CAT2A Datasheet(HTML) 35 Page - AVX Corporation

Back Button 08052C102CAT2A Datasheet HTML 31Page - AVX Corporation 08052C102CAT2A Datasheet HTML 32Page - AVX Corporation 08052C102CAT2A Datasheet HTML 33Page - AVX Corporation 08052C102CAT2A Datasheet HTML 34Page - AVX Corporation 08052C102CAT2A Datasheet HTML 35Page - AVX Corporation 08052C102CAT2A Datasheet HTML 36Page - AVX Corporation 08052C102CAT2A Datasheet HTML 37Page - AVX Corporation 08052C102CAT2A Datasheet HTML 38Page - AVX Corporation 08052C102CAT2A Datasheet HTML 39Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
Tape Size
P
1
FW
A
0 B0
T
8mm
4.0 ± 0.10
3.5 ± 0.05
See Note 1
See Note 3
(.157 ± .004)
(.138 ± .002)
12mm
4.0 ± .010
5.5 ± 0.05
12.0 ± 0.3
(.157 ± .004)
(.217 ± .002)
(.472 ± .012)
8mm
2.0 ± 0.10
3.5 ± 0.05
1/2 Pitch
(.079 ± .004)
(.138 ± .002)
12mm
8.0 ± 0.10
5.5 ± 0.05
12.0 ± 0.3
Double
(.315 ± .004)
(.217 ± .002)
(.472 ± .012)
Pitch
34
Paper Carrier Configuration
8 & 12mm Tape Only
8 & 12mm Paper Tape
Metric Dimensions Will Govern
CONSTANT DIMENSIONS
Tape Size
D
0
EP
0
P
2
T
1
G
1
G
2
R MIN.
8mm
1.5
+0.1
1.75 ± 0.10
4.0 ± 0.10
2.0 ± 0.05
0.10
0.75
0.75
25 (.984)
-0.0
and
(.059 +.004)
(.069 ± .004)
(.157 ± .004) (.079 ± .002)
(.004)
(.030)
(.030)
See Note 2
12mm
-.000
Max.
Min.
Min.
VARIABLE DIMENSIONS
NOTES:
1. A0, B0, and T are determined by the max. dimensions to the ends of the terminals extending from the component body and/or the body dimensions of the component. The
clearance between the ends of the terminals or body of the component to the sides and depth of the cavity (A0, B0, and T) must be within 0.05 mm (.002) min. and 0.50 mm
(.020) max. The clearance allowed must also prevent rotation of the component within the cavity of not more than 20 degrees (see sketches A & B).
2. Tape with components shall pass around radius “R” without damage.
3. 1.1 mm (.043) Base Tape and 1.6 mm (.063) Max. for Non-Paper Base Compositions.
8.0
+0.3
-0.1
(.315
+.012 )
-.004
8.0
+0.3
-0.1
(.315
+.012 )
-.004
Bar Code Labeling Standard
AVX bar code labeling is available and follows latest version of EIA-556-A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com