Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC0448 Datasheet(PDF) 3 Page - Raspberry Pi Holdings PLC

Part # SC0448
Description  Case Fan
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0448 Datasheet(HTML) 3 Page - Raspberry Pi Holdings PLC

  SC0448 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC0448 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC0448 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC0448 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC0448 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC0448 Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Features
Specification
Input voltage:
5V DC supplied via 40-pin GPIO header on Raspberry
Pi 4
Fan speed control:
Pulse width modulation control via user-selectable
GPIO pin
Maximum airflow:
1.4 CFM
Case material:
Clear PC
Compliance:
For a full list of local and regional product approvals,
please visit
www.raspberrypi.org/documentation/hardware/
raspberrypi/conformity.md
• Fits perfectly into the lid of the Raspberry Pi 4 Case
• Temperature-controlled fan delivers up to 1.4 CFM of air flow over the
processor, memory, and power management IC
• 18 mm × 18 mm × 10 mm heatsink with self-adhesive pad improves heat
transfer from the processor
3
Raspberry Pi 4 Case Fan



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com