Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC0448 Datasheet(PDF) 4 Page - Raspberry Pi Holdings PLC

Part # SC0448
Description  Case Fan
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC0448 Datasheet(HTML) 4 Page - Raspberry Pi Holdings PLC

  SC0448 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC0448 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC0448 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC0448 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC0448 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC0448 Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fitting instructions
1 Remove any SD card, then put your Raspberry Pi into the lower half (base)
of the case. Take care to align the mounting holes in the corners with the
bumps in the case.
2 Insert the fan into the upper half (lid) of the case, with the green label facing
away from the lid. Push gently but firmly so that the two tabs on the fan
housing click neatly into place inside the tabs on the lid. The slightly curved
edge of the housing should be flush with the underside of the lid.
3 If you are also fitting the heatsink, remove the backing paper from the
self-adhesive pad on the base of the heatsink, position it centrally over the
processor, and gently press it into position.
4 Connect the three leads from the fan to the Raspberry Pi 4’s GPIO pins, as
shown in the table and diagram below. Take care to connect each lead to the
correct pin.
Lead
Colour
GPIO pin
5v
RED
4
Ground
BLACK
6
GPIO 14
BLUE
8
5 Fit the lid of the case onto the base.
5v
GND
GPIO 14 (TXD)
5v
GPIO 15 (RXD)
GPIO 18 (PCM_CLK)
GND
GPIO 23
GPIO 24
GND
GPIO 25
GPIO 8 (CE0)
GPIO 7 (CE1)
GPIO 1 (ID_SC)
GND
GPIO 12 (PWM0)
GND
GPIO 16
GPIO 20 (PCM_DIN)
GPIO 21 (PCM_DOUT)
GPIO 2 (SDA)
GPIO 3 (SCL)
GPIO 4 (GPCLK0)
3V3
GND
GPIO 17
GPIO 27
GPIO 22
3V3
GPIO 10 (MOSI)
GPIO 9 (MISO)
GPIO 11 (SCLK)
GND
GPIO 8 (ID_SD)
GPIO 5
GPIO 6
GPIO 13 (PWM1)
GPIO 19 (PCM_FS)
GPIO 26
GND
1
2
3
4
5
6
7
8
9 10
11 12
13 14
15 16
17 18
19 20
21 22
23 24
25 26
27 28
29 30
31 32
33 34
35 36
37 38
39 40
1
2
4
5
3
4
Raspberry Pi 4 Case Fan



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com