Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBT14XH.M2P Datasheet(PDF) 7 Page - HellermannTyton.

Part # MBT14XH.M2P
Description  Cable Ties with Ball-Lock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

MBT14XH.M2P Datasheet(HTML) 7 Page - HellermannTyton.

  MBT14XH.M2P Datasheet HTML 1Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 2Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 3Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 4Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 5Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 6Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 7Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1.5
92
Further information at www.HellermannTyton.com/fixings
Cable Ties and Fixings
Cable Ties, Stainless Steel
The MBT range of stainless steel cable ties can be used in the most
arduous of conditions or where the additional security, strength and fire
resistance of a metal fixing is required. Used in all industries from mass
transit, ship building, oil rigs, mining and chemical industry, theatres and
exhibition halls. In the event of a fire, cables will remain securely held in
place and will not fall to block emergency exits.
Features and Benefits
• MBT cable ties, made from stainless steel SS316 with a polyester
coating
• Patented non-releasable locking feature
• Double wrap operation
• Corrosion resistant
• Weather resistant
• Outstanding chemical resistance
• Antimagnetic
• High temperature resistant
• Non-burning
Double Wrap Cable Ties with Ball-Lock and
Coating
Stainless Steel Cable Ties, coated, MBT_UHDFC.
MBTXHDFC- / MBTUHDFC-Series, Stainless Steel 316
MBT-Series 12.3 mm width
L
W
MBT-Series 16.0 mm width
L
W
TYPE
Width
(W)
Length
(L)
Bundle Ø
min.
Bundle Ø
max.
Material
Pack
Cont.
Tools
E-number
Article-No.
MBT27XHDFC
12.3
681.0
17.0
100.0
2,500
SS316, SP
50 pcs.
15-18
00 000 00
111-01505
MBT33XHDFC
12.3
838.0
17.0
120.0
2,500
SS316, SP
50 pcs.
15-18
00 000 00
111-01506
MBT43XHDFC
12.3
1,092.0
17.0
160.0
2,500
SS316, SP
25 pcs.
15-18
00 000 00
111-01507
MBT49XHDFC
12.3
1,245.0
17.0
180.0
2,500
SS316, SP
25 pcs.
15-18
00 000 00
111-01508
MBT60XHDFC
12.3
1,524.0
17.0
230.0
2,500
SS316, SP
25 pcs.
15-18
00 000 00
111-01509
MBT27UHDFC
16.0
681.0
25.0
100.0
5,000
SS316, SP
50 pcs.
15;17
00 000 00
111-01521
MBT33UHDFC
16.0
838.0
25.0
120.0
5,000
SS316, SP
50 pcs.
15;17
00 000 00
111-01522
MBT43UHDFC
16.0
1,092.0
25.0
160.0
5,000
SS316, SP
25 pcs.
15;17
00 000 00
111-01523
MBT49UHDFC
16.0
1,245.0
25.0
180.0
5,000
SS316, SP
25 pcs.
15;17
00 000 00
111-01524
MBT60UHDFC
16.0
1,524.0
25.0
230.0
5,000
SS316, SP
25 pcs.
15;17
00 000 00
111-01525
All dimensions in mm. Subject to technical changes.
Minimum Order Quantity (MOQ) may differ from package content. Other packaging options may also be available.
Material specification
please see page 26.
Recommended Tools
15
16
17
18
MK9SST
MK9PSST
HDT16
KST-STG200
559
559
560
560
For more information on toolings please refer to the Application Tooling chapter.
Patented



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com