Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBT14XH.M2P Datasheet(PDF) 4 Page - HellermannTyton.

Part # MBT14XH.M2P
Description  Cable Ties with Ball-Lock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

MBT14XH.M2P Datasheet(HTML) 4 Page - HellermannTyton.

  MBT14XH.M2P Datasheet HTML 1Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 2Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 3Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 4Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 5Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 6Page - HellermannTyton. MBT14XH.M2P Datasheet HTML 7Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1.5
89
Further information at www.HellermannTyton.com/fixings
Cable Ties and Fixings
Cable Ties, Stainless Steel
The double wrap ties of the MBT-series are used in applications where a
fixing requires an extraordinary high tensile strength.
Features and Benefits
• Stainless steel MBT ties with double wrap operation
• Wraps around the bundle and passes through the head twice
• Very high tensile strength to carry enormous applied loads
• Head with two locking balls
• Resistant to arduous conditions and environments
Double Wrap Cable Ties with Ball-Lock
Double wrap Stainless Steel Cable Ties, uncoated, MBT_UHD.
MBTXHD- / MBTUHD-Series, Stainless Steel 316
MBT-Series 12.3 mm width
L
W
MBT-Series 16.0 mm width
L
W
TYPE
Width
(W)
Length
(L)
Bundle Ø
min.
Bundle Ø
max.
Material
Pack
Cont.
Tools
E-number
Article-No.
MBT27XHD
12.3
681.0
17.0
100.0
5,000
SS316
50 pcs.
15-18
00 000 00
111-01307
MBT33XHD
12.3
838.0
17.0
120.0
5,000
SS316
50 pcs.
15-18
00 000 00
111-01308
MBT43XHD
12.3
1,092.0
17.0
160.0
5,000
SS316
25 pcs.
15-18
00 000 00
111-01309
MBT49XHD
12.3
1,245.0
17.0
180.0
5,000
SS316
25 pcs.
15-18
00 000 00
111-01310
MBT60XHD
12.3
1,524.0
17.0
230.0
5,000
SS316
25 pcs.
15-18
00 000 00
111-01311
MBT27UHD
16.0
681.0
25.0
100.0
7,000
SS316
50 pcs.
15;17
00 000 00
111-01312
MBT33UHD
16.0
838.0
25.0
120.0
7,000
SS316
50 pcs.
15;17
00 000 00
111-01313
MBT43UHD
16.0
1,092.0
25.0
160.0
7,000
SS316
25 pcs.
15;17
00 000 00
111-01314
MBT49UHD
16.0
1,245.0
25.0
180.0
7,000
SS316
25 pcs.
15;17
00 000 00
111-01315
MBT60UHD
16.0
1,524.0
25.0
230.0
7,000
SS316
25 pcs.
15;17
00 000 00
111-01316
All dimensions in mm. Subject to technical changes.
Minimum Order Quantity (MOQ) may differ from package content. Other packaging options may also be available.
Recommended Tools
15
16
17
18
MK9SST
MK9PSST
HDT16
KST-STG200
559
559
560
560
For more information on toolings please refer to the Application Tooling chapter.
Material specification
please see page 26.
Patented
Supports quality processes
around the production of food
stuffs, such as e.g. HACCP.*
*HACCP stands for Hazard Analysis Critical Control Points. It is a method of identifying and eliminating potential hazards in food production. Those hazards that cannot be eliminated are controlled
in such a way that the consumer is protected. These controls are known as Critical Control Points (CCPs). They are CRITICAL because if they fail or are not carried out, the risk of the product harming
the customer increases.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com