Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADATE320KCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 5 Page - Analog Devices

  ADATE320KCPZ Datasheet HTML 1Page - Analog Devices ADATE320KCPZ Datasheet HTML 2Page - Analog Devices ADATE320KCPZ Datasheet HTML 3Page - Analog Devices ADATE320KCPZ Datasheet HTML 4Page - Analog Devices ADATE320KCPZ Datasheet HTML 5Page - Analog Devices ADATE320KCPZ Datasheet HTML 6Page - Analog Devices ADATE320KCPZ Datasheet HTML 7Page - Analog Devices ADATE320KCPZ Datasheet HTML 8Page - Analog Devices ADATE320KCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
Data Sheet
ADATE320
SPECIFICATIONS
analog.com
Rev. C | 5 of 78
Table 2.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
High Speed Input Termination
Resistance: DATx/DATx, RCVx/
RCVx
48
50
52
Ω
P
Impedance between VTTDx and respective DATx and RCVx pins; force
4 mA into each pin, measure voltage from VTTDx; calculate resistance
(∆V/∆I)
Input Voltage Range: DATx/
DATx, RCVx/RCVx
0.0
1.8
V
PF
Input Voltage Differential
0.2
0.4
1.0
V
PF
|DATx − DATx|, |RCVx − RCVx|
Output Characteristics
Output Range
High, VIH
−1.4
+4.5
V
D
Low, VIL
−1.5
+4.4
V
D
Output Term Range, VIT
−1.5
+4.5
V
D
Functional Amplitude (VIH − VIL) 0.05
6.0
V
D
DC Output Current Limit
Source
75
120
mA
P
Drive high, VIH = 4.5 V, VDUTx = −2.0 V, measure current
Sink
−120
−75
mA
P
Drive low, VIL = −1.5 V, VDUTx = 5.0 V, measure current
Output Resistance, ±40 mA
46
48.5
52
Ω
P
∆VDUTx/∆IDUTx; source: VIHx = 3.0 V, IDUTx = 1 mA, 40 mA; sink: VIL =
0.0 V, IDUTx = −1 mA, −40 mA
DC ACCURACY
VIH tests with VIL = −2.5 V, VIT = −2.5 V; VIL tests with VIH = 7.5 V,
VIT = 7.5 V; VIT tests with VIL = −2.5 V, VIH = 7.5 V, unless otherwise
noted within this parameter
VIH, VIL, VIT
Offset Error
−500
+500
mV
P
Measured at DAC Code 0x4000 (0.0 V), uncalibrated
Offset Temperature Coefficient
(TC)
±200
µV/°C
CT
Gain
1.0
1.1
V/V
P
Gain derived from measurement at DAC Code 0x4000 (0.0 V) and
DAC Code 0x8CCC (3.0 V); based on an ideal DAC transfer function
(see Table 24)
Gain TC
±50
ppm/°C
CT
Differential Nonlinearity (DNL)
±250
µV
CT
After two-point gain/offset calibration; calibration points at 0x4000 (0.0
V) output; 0x8CCC (3.0 V); measured over full specified output range
Integral Nonlinearity (INL)
Focused Range
−5
+5
mV
P
After two-point gain/offset calibration; calibration points at 0x4000 (0.0
V) and 0x8CCC (3.0 V); measured over −0.5 V to +3.5 V output range
INL Full Range
−20
+20
mV
P
After two-point gain/offset calibration; calibration points at 0x4000 (0.0
V) and 0x8CCC (3.0 V); measured over full specified output range
Resolution
153
µV
D
DUTGND Voltage Accuracy
−5
±1
+5
mV
P
Over ±0.1 V range; measured over −0.5 V to +3.5 V focused driver
output range
DC Levels Interaction
DC interaction on VIL, VIH, and VIT output levels while other driver
DAC levels are varied
VIH vs. VIL
±1.0
mV
CT
Monitor interaction on VIH = +4.5 V; sweep VIL = −1.5 V to +4.4 V, VIT
= +1.0 V
VIH vs. VIT
±1.0
mV
CT
Monitor interaction on VIH = +4.5 V; sweep VIT = −1.5 V to +4.5 V, VIL
= 0.0 V
VIL vs. VIH
±1.0
mV
CT
Monitor interaction on VIL = −1.5 V; sweep VIH = −1.4 V to +4.5 V, VIT
= +1.0 V
VIL vs. VIT
±1.0
mV
CT
Monitor interaction on VIL = −1.5 V; sweep VIT = −1.5 V to +4.5 V, VIH
= +2.0 V
VIT vs. VIH
±2.0
mV
CT
Monitor interaction on VIT = 1.0 V; sweep VIH = −1.4 V to +4.5 V, VIL =
−1.5 V
VIT vs. VIL
±2.0
mV
CT
Monitor interaction on VIT = 1.0 V; sweep VIL = −1.5 V to +4.4 V, VIH =
+4.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com