Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADATE320KCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADATE320KCPZ
Description  1.25 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320KCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADATE320KCPZ Datasheet HTML 12Page - Analog Devices ADATE320KCPZ Datasheet HTML 13Page - Analog Devices ADATE320KCPZ Datasheet HTML 14Page - Analog Devices ADATE320KCPZ Datasheet HTML 15Page - Analog Devices ADATE320KCPZ Datasheet HTML 16Page - Analog Devices ADATE320KCPZ Datasheet HTML 17Page - Analog Devices ADATE320KCPZ Datasheet HTML 18Page - Analog Devices ADATE320KCPZ Datasheet HTML 19Page - Analog Devices ADATE320KCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
Data Sheet
ADATE320
SPECIFICATIONS
analog.com
Rev. C | 16 of 78
Table 7.
Parameter
Min
Typ
Max
Unit
Test Level
Test Conditions/Comments
Code 0x4000 (0.0 V) with PCHx at DAC Code 0xFFFF
(+7.5 V)
Offset TC, Voltage Clamps (PCHx/
PCLx)
±0.5
mV/°C
CT
Gain, Voltage Clamps (PCHx/PCLx)
1.0
1.1
V/V
P
Range B, PPMU force ±0.5 mA into open; PCHx gain
derived from measurements at DAC Code 0x4000 (0.0
V) and DAC Code 0x8CCC (3.0 V) with PCLx at
DAC Code 0x0000 (−2.5 V); PCLx gain derived from
measurements at DAC Code 0x4000 (0.0 V) and DAC
Code 0x8CCC (3.0 V) with PCHx at DAC Code 0xFFFF
(7.5 V)
Gain TC, Voltage Clamps (PCHx/
PCLx)
±25
ppm/°C
CT
INL, Voltage Clamps (PCHx/PCLx)
−20
+20
mV
P
Range B, PPMU force ±0.5 mA into open after two-point
gain/offset calibration; measured over PPMU clamp
functional range
Positive Voltage Clamp, Voltage
Droop (Source)
−50
+50
mV
P
∆V at DUTx pin, Range A, PCHx = +4.0 V, PCLx = −1.0
V, PPMU force 5.0 mA and 40 mA into open circuit,
calibrated
Negative Voltage Clamp, Voltage
Droop (Sink)
−50
+50
mV
P
∆V at DUTx pin, Range A, PCHx = +4.0 V, PCLx = −1.0
V, PPMU force −5.0 mA and −40 mA into open circuit,
calibrated
DUTGND Voltage Accuracy
−5
±1
+5
mV
P
Over ±0.1 V range; measured at end points of clamp
functional range
PPMU CURRENT CLAMPS (FV)
PPMU enabled in FVMV, dc accuracy of the current
clamps only applies over the following conditions: 30%
FS ≤ PCHx ≤ 100% FS or −100% FS ≤ PCLx ≤ −30%
FS
Functional Range
Low Current Clamp (PCLx)
−120
−20
%FS
S
For example, −120% FS in Range A is −48 mA and
−20% FS in Range A is −8 mA
High Current Clamp (PCHx)
20
120
%FS
S
For example, 20% FS in Range A is 8 mA and 120% FS
in Range A is 48 mA
DC Accuracy Range
Low Current Clamp (PCLx)
−100
−30
%FS
D
For example, −100% FS in Range A is −40 mA and
−30% FS in Range A is −12 mA
High Current Clamp (PCHx)
30
100
%FS
D
For example, 30% FS in Range A is 12 mA and 100%
FS in Range A is 40 mA
Static Current Limit, Source and Sink,
All Ranges
±120
±140
±160
%FS
P
PCLx at DAC Code 0x0000 (−2.5 V), PCHx at DAC
Code 0xFFFF (7.5 V), sink: force −1.5 V, short DUTx to
4.5 V, source: force 4.5 V, short DUTX to −1.5 V
Offset, Current Clamps (PCHx/PCLx) −10
+10
%FSR
P
All ranges; PPMU force ±1.0 V into 0.0 V1
Offset TC, Current Clamps (PCHx/
PCLx)
±0.02
%FSR/°C
CT
All ranges
Gain Error, Current Clamps (PCHx/
PCLx)
0
30
%
P
All ranges; PPMU force ±1.0 V into 0.0 V2
Gain TC, Current Clamps (PCHx/
PCLx)
±50
ppm/°C
CT
All ranges
INL, Current Clamps (PCHx/PCLx)
−0.15
+0.15
%FSR
P
All ranges; PPMU force ±1.0 V into 0.0 V, after two-point
gain/offset calibration; PCHx calibration at DAC Code
0xA000 (3.75 V or 50% FS) and DAC Code 0xB333
(4.50 V or 80% FS); PCLx calibration at DAC Code
0x6000 (1.25 V or −50% FS) and DAC Code 0x4CCC
(0.50 V or −80% FS); measured over dc accuracy range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com