Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G32GS Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G32GS
Description  Single 2-input OR gate
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G32GS Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC1G32GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
74LVC1G32
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 11 — 2 December 2016
4 of 19
NXP Semiconductors
74LVC1G32
Single 2-input OR gate
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal operation.
[3]
For TSSOP5 and SC-74A packages: above 87.5
C the value of P
tot derates linearly with 4.0 mW/K.
For XSON6 and X2SON5 packages: above 118
C the value of P
tot derates linearly with 7.8 mW/K.
Table 4.
Function table[1]
Input
Output
A
B
Y
LLL
LH
H
HL
H
HHH
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
IIK
input clamping current
VI < 0 V
50
-
mA
VI
input voltage
[1]
0.5
+6.5
V
IOK
output clamping current
VO > VCC or VO < 0 V
-
50
mA
VO
output voltage
Active mode
[1][2]
0.5
VCC + 0.5
V
Power-down mode
[1][2]
0.5
+6.5
V
IO
output current
VO = 0 V to VCC
-
50
mA
ICC
supply current
-
100
mA
IGND
ground current
100
-
mA
Ptot
total power dissipation
Tamb = 40 C to +125 C
[3]
-250
mW
Tstg
storage temperature
65
+150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com