Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G32GS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G32GS
Description  Single 2-input OR gate
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G32GS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC1G32GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G32GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
74LVC1G32
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 11 — 2 December 2016
2 of 19
NXP Semiconductors
74LVC1G32
Single 2-input OR gate
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature
range
Name
Description
Version
74LVC1G32GW
40 C to +125 C
TSSOP5
plastic thin shrink small outline package; 5 leads;
body width 1.25 mm
SOT353-1
74LVC1G32GV
40 C to +125 C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74LVC1G32GM
40 C to +125 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1.45  0.5 mm
SOT886
74LVC1G32GF
40 C to +125 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1  0.5 mm
SOT891
74LVC1G32GN
40 C to +125 C
XSON6
extremely thin small outline package; no leads; 6 terminals;
body 0.9
 1.0  0.35 mm
SOT1115
74LVC1G32GS
40 C to +125 C
XSON6
extremely thin small outline package; no leads; 6 terminals;
body 1.0
 1.0  0.35 mm
SOT1202
74LVC1G32GX
40 C to +125 C
X2SON5
X2SON5: plastic thermal enhanced extremely thin small
outline package; no leads; 5 terminals;
body 0.8
 0.8  0.35 mm
SOT1226
Table 2.
Marking
Type number
Marking code[1]
74LVC1G32GW
VG
74LVC1G32GV
V32
74LVC1G32GM
VG
74LVC1G32GF
VG
74LVC1G32GN
VG
74LVC1G32GS
VG
74LVC1G32GX
VG
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com