Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G57GS Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G57GS
Description  Low-power configurable multiple function gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G57GS Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G57GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G57GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G57GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G57GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G57GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G57GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G57GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G57GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G57GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
74LVC1G57
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 8 — 7 December 2016
7 of 20
NXP Semiconductors
74LVC1G57
Low-power configurable multiple function gate
11. Dynamic characteristics
[1]
Typical values are measured at nominal VCC and at Tamb = 25 C.
[2]
tpd is the same as tPLH and tPHL
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD = CPD  VCC2  fi  N + (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
12. Waveforms
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 13.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
A, B, C to Y; see Figure 12
[2]
VCC = 1.65 V to 1.95 V
1.0
6.0
14.4
1.0
18
ns
VCC = 2.3 V to 2.7 V
0.5
3.5
8.3
0.5
10.4
ns
VCC = 2.7 V
0.5
4.2
8.5
0.5
10.6
ns
VCC = 3.0 V to 3.6 V
0.5
3.8
6.3
0.5
7.9
ns
VCC = 4.5 V to 5.5 V
0.5
3.0
5.1
0.5
6.4
ns
CPD
power dissipation
capacitance
VCC =3.3 V; VI =GND to VCC
[3]
-22-
-
-
pF
Measurement points are given in Table 10.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 12. Input A, B and C to output Y propagation delay times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com