Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G57GS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G57GS
Description  Low-power configurable multiple function gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G57GS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC1G57GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G57GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G57GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G57GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G57GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G57GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G57GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G57GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G57GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The 74LVC1G57 provides configurable multiple functions. The output state is determined
by eight patterns of 3-bit input. The user can choose the logic functions AND, OR, NAND,
NOR, XNOR, inverter and buffer. All inputs can be connected to VCC or GND.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of this
device in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
All inputs (A, B and C) are Schmitt trigger inputs. They are capable of transforming slowly
changing input signals into sharply defined, jitter-free output signals.
2.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 5 V tolerant input/output for interfacing with 5 V logic
 High noise immunity
 Complies with JEDEC standard:
 JESD8-7 (1.65 V to 1.95 V)
 JESD8-5 (2.3 V to 2.7 V)
 JESD8B/JESD36 (2.7 V to 3.6 V).
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
24 mA output drive (V
CC =3.0 V)
 CMOS low power consumption
 Latch-up performance exceeds 250 mA
 Direct interface with TTL levels
 Inputs accept voltages up to 5 V
 Multiple package options
 Specified from
40 Cto+85 C and 40 Cto+125 C.
74LVC1G57
Low-power configurable multiple function gate
Rev. 8 — 7 December 2016
Product data sheet


Similar Part No. - 74LVC1G57GS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G57GS NEXPERIA-74LVC1G57GS Datasheet
269Kb / 18P
Low-power configurable multiple function gate
Rev. 10 - 1 February 2022
74LVC1G57GS NEXPERIA-74LVC1G57GS Datasheet
851Kb / 20P
Low-power configurable multiple function gate
Rev. 8 7 December 2016
More results

Similar Description - 74LVC1G57GS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
Low-power configurable multiple function gate
Rev. 6-10 January 2011
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
Low-power configurable multiple function gate
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com