Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B72314P2 Datasheet(PDF) 13 Page - EPCOS

Part # B72314P2
Description  Leaded varistors, AdvanceD-MP, S14 compact series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72314P2 Datasheet(HTML) 13 Page - EPCOS

Back Button B72314P2 Datasheet HTML 9Page - EPCOS B72314P2 Datasheet HTML 10Page - EPCOS B72314P2 Datasheet HTML 11Page - EPCOS B72314P2 Datasheet HTML 12Page - EPCOS B72314P2 Datasheet HTML 13Page - EPCOS B72314P2 Datasheet HTML 14Page - EPCOS B72314P2 Datasheet HTML 15Page - EPCOS B72314P2 Datasheet HTML 16Page - EPCOS B72314P2 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
SIOV metal oxide varistors
B72314P2***
Leaded varistors, AdvanceD-MP, S14 compact series
SIOV-S14K***E2K55
September 2020
Please read
Cautions and warnings and
Page 13 of 23
Important notes at the end of this document.
2
Taping and packaging of leaded varistors
Tape packaging for lead spacing
= 5 fully conforms to IEC 60286-2, while for lead spacings
= 7.5 and 10 the taping mode is based on this standard.
2.1
Taping in accordance with IEC 60286-2 for lead spacing 5.0 mm
2.2
Taping based on IEC 60286-2 for lead spacing 7.5 and 10 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com