Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B72314P2 Datasheet(PDF) 3 Page - EPCOS

Part # B72314P2
Description  Leaded varistors, AdvanceD-MP, S14 compact series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72314P2 Datasheet(HTML) 3 Page - EPCOS

  B72314P2 Datasheet HTML 1Page - EPCOS B72314P2 Datasheet HTML 2Page - EPCOS B72314P2 Datasheet HTML 3Page - EPCOS B72314P2 Datasheet HTML 4Page - EPCOS B72314P2 Datasheet HTML 5Page - EPCOS B72314P2 Datasheet HTML 6Page - EPCOS B72314P2 Datasheet HTML 7Page - EPCOS B72314P2 Datasheet HTML 8Page - EPCOS B72314P2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SIOV metal oxide varistors
B72314P2***
Leaded varistors, AdvanceD-MP, S14 compact series
SIOV-S14K***E2K55
September 2020
Please read
Cautions and warnings and
Page 3 of 23
Important notes at the end of this document.
Electrical specifications and ordering codes
Maximum ratings (TA = 105 °C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20 µs)
1 time
A
In 1)
(8/20 µs)
15 times
A
Wmax
(2 ms)
J
Pmax
W
B72314P2131K101
S14K130E2K55
130
170
6000
3000
60.0
0.60
B72314P2141K101
S14K140E2K55
140
180
6000
3000
65.0
0.60
B72314P2151K101
S14K150E2K55
150
200
6000
3000
70.0
0.60
B72314P2171K101
S14K175E2K55
175
225
6000
3000
80.0
0.60
B72314P2211K101
S14K210E2K55
210
270
6000
3000
95.0
0.60
B72314P2231K101
S14K230E2K55
230
300
6000
3000
105.0
0.60
B72314P2251K101
S14K250E2K55
250
320
6000
3000
115.0
0.60
B72314P2271K101
S14K275E2K55
275
350
6000
3000
130.0
0.60
B72314P2301K101
S14K300E2K55
300
385
6000
3000
140.0
0.60
B72314P2321K101
S14K320E2K55
320
420
6000
3000
150.0
0.60
B72314P2351K101
S14K350E2K55
350
460
6000
3000
165.0
0.60
B72314P2381K101
S14K385E2K55
385
505
6000
3000
180.0
0.60
B72314P2421K101
S14K420E2K55
420
560
6000
3000
190.0
0.60
B72314P2461K101
S14K460E2K55
460
615
6000
3000
200.0
0.60
1) Note: Nominal discharge current In according to UL 1449, 4th edition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com