Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADUCM310 Datasheet(PDF) 19 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 15Page - Analog Devices ADUCM310 Datasheet HTML 16Page - Analog Devices ADUCM310 Datasheet HTML 17Page - Analog Devices ADUCM310 Datasheet HTML 18Page - Analog Devices ADUCM310 Datasheet HTML 19Page - Analog Devices ADUCM310 Datasheet HTML 20Page - Analog Devices ADUCM310 Datasheet HTML 21Page - Analog Devices ADUCM310 Datasheet HTML 22Page - Analog Devices ADUCM310 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADuCM310
Data Sheet
Rev. A Page 18 of 27
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
RESERVED
IDAC0
PVDD_
IDAC0
IDAC2
PVDD_
IDAC2
IDAC3
PGND
PVDD_
IDAC3
PVDD_
IDAC1
IDAC1
RESERVED
1
2
3
4
5
6
7
8
9
10
11
1
2
3
4
5
6
7
8
9
10
11
IDAC4
CDAMP_
IDAC0
CDAMP_
IDAC2
IDAC2
PVDD_
IDAC2
IDAC3
PGND
PVDD_
IDAC3
CDAMP_
IDAC3
CDAMP_
IDAC1
IDAC5
PVDD_
IDAC4
CDAMP_
IDAC4
P2.3/BM
P1.0/
SIN/
ECLKIN/
PLAI[4]
P1.2/
PWM0/
PLAI[6]
P1.3/
PWM1/
PLAI[7]
P1.4/
PWM2/
SCLK1/
PLAO[10]
P1.5/
PWM3/
MISO1/
PLAO[11]
P1.6/
PWM4/
MOSI1/
PLAO[12]
CDAMP_
IDAC5
PVDD_
IDAC5
RESERVED
RESET
P3.2/
PLAI[14]
P2.0/IRQ2/
PWMTRIP/
PLACLK2/
PLAI[8]
P1.1/SOUT/
PLACLK1/
PLAI[5]
RESERVED
P2.4/IRQ5/
ADCCONV/
PWM6/
PLAO[18]
P2.5/IRQ6/
PWM7/
PLAO[19]
P1.7/IRQ1/
PWM5/CS1/
PLAO[13]
DGND2
IREF
IOVDD1
P0.1/
MISO0/
PLAI[1]
P0.0/
SCLK0/
PLAI[0]
P2.2/IRQ4/
MRST/
CLKOUT/
PLAI[10]
P2.1/IRQ3/
PWMSYNC/
PLAI[9]
SWDIO
SWCLK
IOVDD2
IOGND1
P0.3/
IRQ0/CS0/
PLAI[3]
P0.2/
MOSI0/
PLAI[2]
RESERVED
ADuCM310
TOP VIEW
(Not to Scale)
RESERVED
VDACVDD
AVDD_REG1
IOGND2
P0.7/
SDA1/
PLAO[5]
P0.6/
SCL1/
PLAO[4]
P0.5/
SDA0/
PLAO[3]
P.04/
SCL0/
PLAO[2]
AIN4
AGND2
AVDD_REG2
VREF_1.2
P2.6/
IRQ7/
PLAO[20]
P2.7/
IRQ8/
PLAO[21]
P3.0/
PLAI[12]
AGND5
VDAC5
RESERVED
AIN1
AIN5
VDAC6
VDAC7
AVDD4
P3.4/
PLAO[26]
XTALO
P3.1/
PLAI[13]
VDAC4
DVDD
AIN0
AIN2
AIN6
VDAC2
BUF_
VREF2.5A
AGND4
IOVDD3
XTALI
DVDD_REG1
VDAC1
AGND1
AVNEG
AIN3
AIN7
VDAC3
ADC_CAPN
BUF_
VREF2.5B
IOGND3
A
B
C
D
E
F
G
H
J
K
L
IDAC RELATED
DIGITAL PINS
ANALOG PINS
RESERVED
A
B
C
D
E
F
G
H
J
K
L
DGND1
DVDD_REG2
VDAC0
AVDD3
AGND3
AGND6
AIN8
AIN9
ADC_CAPN
ADC_CAPP
Figure 7. Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
D2
RESET
I
Reset Input (Active Low). An internal pull-up is included on this pin.
E3
P0.0/SCLK0/PLAI[0]
I/O
General-Purpose Input and Output Port 0.0/SPI0 Clock/Input to PLA
Element 0. This pin defaults as an input with the internal pull-up resistor
disabled.
E2
P0.1/MISO0/PLAI[1]
I/O
General-Purpose Input and Output Port 0.1/SPI0 Data Master Input-Slave
Output/Input to PLA Element 1. This pin defaults as an input with the
internal pull-up disabled.
F3
P0.2/MOSI0/PLAI[2]
I/O
General-Purpose Input and Output Port 0.2/SPI0 Data Master Output-
Slave Input/Input of PLA Element 2. This pin defaults as an input with the
internal pull-up disabled.
F2
P0.3/IRQ0/CS0/PLAI[3]
I/O
General-Purpose Input and Output Port 0.3/External Interrupt Request 0/
SPI0 Chip Select Input/Input of PLA Element 3. This pin defaults as an
input with the internal pull-up disabled. If SPI0 is used, configure this pin
as CS0.
G4
P0.4/SCL0/PLAO[2]
I/O
General-Purpose Input and Output Port 0.4/I2C Interface Clock for
I2C0/Output of PLA Element 2. This pin defaults as an input with the
internal pull-up disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com