Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADUCM310 Datasheet(PDF) 20 Page - Analog Devices

Part # ADUCM310
Description  Precision Analog Microcontroller, Tunable Optical Control Microcontroller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM310 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADUCM310 Datasheet HTML 16Page - Analog Devices ADUCM310 Datasheet HTML 17Page - Analog Devices ADUCM310 Datasheet HTML 18Page - Analog Devices ADUCM310 Datasheet HTML 19Page - Analog Devices ADUCM310 Datasheet HTML 20Page - Analog Devices ADUCM310 Datasheet HTML 21Page - Analog Devices ADUCM310 Datasheet HTML 22Page - Analog Devices ADUCM310 Datasheet HTML 23Page - Analog Devices ADUCM310 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Data Sheet
ADuCM310
Rev. A Page 19 of 27
Pin No.
Mnemonic
Type1
Description
G3
P0.5/SDA0/PLAO[3]
I/O
General-Purpose Input and Output Port 0.5/I2C Interface Data for
I2C0/Output of PLA Element 3. This pin defaults as an input with internal
pull-up disabled.
G2
P0.6/SCL1/PLAO[4]
I/O
General-Purpose Input and Output Port 0.6/I2C Interface Clock for
I2C1/Output of PLA Element 4. This pin defaults as an input with internal
pull-up disabled.
G1
P0.7/SDA1/PLAO[5]
I/O
General-Purpose Input and Output Port 0.7/I2C Interface Data for
I2C1/Output of PLA Element 5. This pin defaults as an input with internal
pull-up disabled.
C4
P1.0/SIN/ECLKIN/PLAI[4]
I/O
General-Purpose Input and Output Port 1.0/UART Input Pin/External
Input Clock/Input to PLA Element 4. The ECLKIN pin is used for the UART
downloader. This pin defaults as an input with internal pull-up disabled.
D5
P1.1/SOUT/PLACLK1/PLAI[5]
I/O
General-Purpose Input and Output Port 1.1/UART Output Pin/PLA Input
Clock/Input to PLA Element 5. The PLACLK1 pin is used for the UART
downloader. This pin defaults as an input with internal pull-up disabled.
C5
P1.2/PWM0/PLAI[6]
I/O
General-Purpose Input and Output Port 1.2/PWM0 Output/Input to PLA
Element 6. This pin defaults as an input with internal pull-up disabled.
C6
P1.3/PWM1/PLAI[7]
I/O
General-Purpose Input and Output Port 1.3/PWM1 Output/Input to PLA
Element 7. This pin defaults as an input with internal pull-up disabled.
C7
P1.4/PWM2/SCLK1/PLAO[10]
I/O
General-Purpose Input and Output Port 1.4/PWM2 Output/SPI1
Clock/Output of PLA Element 10. This pin defaults as an input with
internal pull-up disabled.
C8
P1.5/PWM3/MISO1/PLAO[11]
I/O
General-Purpose Input and Output Port 1.5/PWM3 Output/SPI1 Data
Master Input-Slave Output/Output of PLA Element 11. This pin defaults as
an input with internal pull-up disabled.
C9
P1.6/PWM4/MOSI1/PLAO[12]
I/O
General-Purpose Input and Output Port 1.6/PWM4 Output/SPI1 Data
Master Output-Slave Input/Output of PLA Element 12. This pin defaults as
an input with internal pull-up disabled.
D9
P1.7/IRQ1/PWM5/CS1/PLAO[13]
I/O
General-Purpose Input and Output Port 1.7/External Interrupt Request 1/
PWM5 Output/SPI1 Chip Select Input/Output of PLA Element 13. This pin
defaults as an input with internal pull-up disabled. If SPI1 is used,
configure this pin as CS1.
D4
P2.0/IRQ2/PWMTRIP/PLACLK2/PLAI[8]
I/O
General-Purpose Input and Output Port 2.0/External Interrupt Request 2/
PWM Trip Input Source/PLA Input Clock/Input to PLA Element 8. This pin
defaults as an input with the internal pull-up disabled.
E8
P2.1/IRQ3/PWMSYNC/PLAI[9]
I/O
General-Purpose Input and Output Port 2.1/External Interrupt Request 3/
PWM Sync Input/Input to PLA Element 9. This pin defaults as an input
with the internal pull-up disabled.
E4
P2.2/IRQ4/MRST/CLKOUT/PLAI[10]
I/O
General-Purpose Input and Output Port 2.2/External Interrupt Request 4/
Reset Out Pin/Clock Output/Input to PLA Element 10. This pin defaults as
an input with the internal pull-up disabled.
C3
P2.3/BM
I/O
General-Purpose Input and Output Port 2.3/BM pin. If this pin is low, then
the device enters UART download after the next rest sequence. This pin
defaults as an input with the internal pull-up disabled.
D7
P2.4/IRQ5/ADCCONV/PWM6/PLAO[18]
I/O
General-Purpose Input and Output Port 2.4/External Interrupt Request 5/
External Input to Start ADC Conversions/PWM6 Output/Output of
PLA Element 18. This pin defaults as an input with the internal pull-up
disabled.
D8
P2.5/IRQ6/PWM7/PLAO[19]
I/O
General-Purpose Input and Output Port 2.5/External Interrupt Request 6/
PWM7 Output/Output of PLA Element 19. This pin defaults as an input
with the internal pull-up disabled.
H1
P2.6/IRQ7/PLAO[20]
I/O
General-Purpose Input and Output Port 2.6/External Interrupt Request 7/
Output of PLA Element 20. This pin defaults as an input with the internal
pull-up disabled.
H2
P2.7/IRQ8/PLAO[21]
I/O
General-Purpose Input and Output Port 2.7/External Interrupt Request 8/
Output of PLA Element 21. This pin defaults as an input with the internal
pull-up disabled.
H3
P3.0/PLAI[12]
I/O
General-Purpose Input and Output Port 3.0/Input to PLA Element 12. This
pin defaults as an input with the internal pull-up disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com