Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T024X000FJT Datasheet(PDF) 34 Page - PANDUIT CORP.

Part # T024X000FJT
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

T024X000FJT Datasheet(HTML) 34 Page - PANDUIT CORP.

Back Button T024X000FJT Datasheet HTML 28Page - PANDUIT CORP. T024X000FJT Datasheet HTML 29Page - PANDUIT CORP. T024X000FJT Datasheet HTML 30Page - PANDUIT CORP. T024X000FJT Datasheet HTML 31Page - PANDUIT CORP. T024X000FJT Datasheet HTML 32Page - PANDUIT CORP. T024X000FJT Datasheet HTML 33Page - PANDUIT CORP. T024X000FJT Datasheet HTML 34Page - PANDUIT CORP. T024X000FJT Datasheet HTML 35Page - PANDUIT CORP. T024X000FJT Datasheet HTML 36Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
34
TDP43ME Desktop Printer and Accessories
• Creates durable, crisp, clear legends and graphics that offer
superior legibility
• Prints durable legends for harsh industrial environments
• Fine resolution for small type characters and images
• Easy-Mark Plus™ Labeling Software included with printer
• Up to 4 inches per second print speed
• Auto-sensing label gap and black mark sensors
• One-button operation, and automatic self test
• Connects quickly and easily to PC, and offers connectivity
flexibility to print by USB, parallel serial, or Ethernet
• Easy ribbon loading reduces printer down time
• Able to connect to a network for sharing capability
• UL60950 listed, File # E165747
Part Number
Part Description
Std
Pkg.
Qty
TDP43ME
300 dpi printer; includes printer, Panduit® Easy-Mark Plus™ Labeling Software, RMEH4BL black hybrid ribbon, AC
power adapter with US power cord, USB cable, user manual, quick start card, and driver disk; for use in
North America.
1
TDP43ME/E
300 dpi printer; includes printer, Panduit® Easy-Mark Plus™ Labeling Software, RMEH4BL black hybrid ribbon,
EuroPlug cord, USB cable, user manual, quick start card, and driver disk; for use outside North America.
TDP43ME-KIT
TDP43ME printer kit. Includes: printer, Panduit® Easy-Mark Plus™ Labeling Software, RMEH4BL black hybrid ribbon,
AC power adapter with US power cord, USB cable, user manual, quick start card, TDP43ME-RS Roll Stand,
TDP43ME-CASE, one roll of S100X150VATY labels, and driver disk; for use in North America.
TDP43ME/E-KIT
TDP43ME/E printer kit. Includes: printer, Panduit® Easy-Mark Plus™ Labeling Software, RMEH4BL black hybrid
ribbon, AC power adapter with EuroPlug cord, USB cable, user manual, quick start card, TDP43ME-RS Roll Stand,
TDP43ME-CASE, one roll of S100X150VATY labels, and driver disk; for use outside North America.
TDP43ME-AC
Replacement AC power adapter with power cord (US cord only).
TDP43ME-CASE
Hardside carrying case accommodates printer, AC power adapter, ribbons, printer cable, external roll stand, labels,
and tools.
TDP43ME-CUTTER Optional power/automatic cutter for TDP43ME thermal transfer desktop printer; easy to install for automatic cutting
of labels.
TDP43ME-RS
External label roll stand for TDP43ME printer; used to rear feed labels that are supplied on 3" cores.
TDP43ME-SPINDLE Replacement ribbon spindle for TDP43ME Thermal Transfer Desktop Printer, Package of Two Spools.
TDP43ME-TB-KIT
Terminal block marker adapter kit.
PTR-CLN
Printer cleaning kit – contains (1) cleaning pen, (8) cleaning solution soaked wipes, (8) foam swabs pre-saturated
with cleaning solution, MSDS, and cleaning instructions.
TDP43ME Desktop Printer Ribbons
Part Number
Part Description
Width
Length
Std.
Pkg.
Qty.
In. mm
Ft.
m
RMER1BL
Black resin thermal transfer ribbon. Use with terminal block markers.
1.1 27.9
300.0 91.4 1
RMEH4BL*
Black hybrid thermal transfer ribbon. Use with heat shrink, self-laminating, Turn-Tell®, tan
polyimide labels, and vinyl cloth labels.
4.25 108.0
RMER4BL*^ Black resin thermal transfer ribbon. Use with polyester labels, continuous vinyl tape, marker
plates, and raised panel labels.
RMER4BL-A Black resin thermal transfer ribbon. Use with high-temperature marker plates.
RMER4BL-C Black resin thermal transfer ribbon. Use with fluid-resistant heat shrink labels and white
polyimide labels.
Order number of ribbons required in multiples of Standard Package Quantity.
*For 2.5" wide ribbons, replace 4 in part number with 2. For example, the part number of a 2.5" wide black hybrid thermal transfer ribbon is RMEH2BL.
^Other colors available, change "BL" to: BU for Blue, GR for Green, RD for Red, or WH for White (Eample: RMER4BU = Blue Resin Ribbon).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com