Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T024X000FJT Datasheet(PDF) 23 Page - PANDUIT CORP.

Part # T024X000FJT
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

T024X000FJT Datasheet(HTML) 23 Page - PANDUIT CORP.

Back Button T024X000FJT Datasheet HTML 19Page - PANDUIT CORP. T024X000FJT Datasheet HTML 20Page - PANDUIT CORP. T024X000FJT Datasheet HTML 21Page - PANDUIT CORP. T024X000FJT Datasheet HTML 22Page - PANDUIT CORP. T024X000FJT Datasheet HTML 23Page - PANDUIT CORP. T024X000FJT Datasheet HTML 24Page - PANDUIT CORP. T024X000FJT Datasheet HTML 25Page - PANDUIT CORP. T024X000FJT Datasheet HTML 26Page - PANDUIT CORP. T024X000FJT Datasheet HTML 27Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Contact Technical Support at 866.871.4571.
23
Tedlar® Component Labels
• Self-extinguishing and ideal for labeling high-temperature areas
• Meet Federal Motor Vehicle Safety Standard (FMVSS-302)
for flammability
• Use thermal transfer resin ribbon
• Temperature range: -40°F to 225°F (-40°C to 106°C); tests at 275°F
have shown acceptable results
Part Number
Color
Width
Height
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
C060X020TJT
White
0.60
15.2
0.20
5.1
3
10000
C090X025TJT
0.90
22.9
0.25
6.4
C100X038TJT
1.00
25.4
0.38
9.7
C100X050TJT
0.50
12.7
C125X038TJT
1.25
31.8
0.38
9.7
2500
C200X038TJT
2.00
50.8
1
5000
C200X100TJT
1.00
25.4
2500
C300X038TJT
3.00
76.2
0.38
9.7
5000
Tedlar® is a registered trademark of E.I. du Pont de Nemours and Company.
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand
(TDP43ME-RS) is required.
Tamper-Evident Polyester Component Labels
• Leaves a checkerboard of silver material allowing you to see if label
has been tampered with
• Use thermal transfer resin ribbon
• Temperature range: -40°F to 302°F (-40°C to 150°C)
• UL969 recognized, File # MH14576 and File # MH14979
Part Number
Color
Width
Height
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
C075X025AAT
Silver
0.75
19.1
0.25
6.4
3
10000
C100X050AAT
1.00
25.4
0.50
12.7
C200X100AAT
2.00
50.8
1.00
25.4
1
2500
C275X125AAT
2.75
69.9
1.25
31.8
Order number of labels required in multiples of Standard Package Quantity.
Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll
stand (TDP43ME-RS) is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com