Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC245AD Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC245AD
Description  Octal bus transceiver; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC245AD Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC245AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC_LVCH245A
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 8 — 28 June 2013
3 of 18
Nexperia
74LVC245A; 74LVCH245A
Octal bus transceiver; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to GND.
Fig 3.
Pin configuration for SO20 and (T)SSOP20
Fig 4.
Pin configuration for DHVQFN20 and
DHXQFN20
74LVC245A
74LVCH245A
DIR
VCC
A0
OE
A1
B0
A2
B1
A3
B2
A4
B3
A5
B4
A6
B5
A7
B6
GND
B7
001aak292
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
001aak293
74LVC245A
74LVCH245A
Transparent top view
B6
A6
A7
B5
A5
B4
A4
B3
A3
B2
A2
B1
A1
B0
A0
OE
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
GND(1)
Table 2.
Pin description
Symbol
Pin
Description
DIR
1
direction control
A0 to A7
2, 3, 4, 5, 6, 7, 8, 9
data input/output
GND
10
ground (0 V)
B0 to B7
18, 17, 16, 15, 14, 13, 12, 11
data input/output
OE
19
output enable input (active LOW)
VCC
20
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com