Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC245AD Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74LVC245AD
Description  Octal bus transceiver; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC245AD Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74LVC245AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC245AD Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC_LVCH245A
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 8 — 28 June 2013
12 of 18
Nexperia
74LVC245A; 74LVCH245A
Octal bus transceiver; 3-state
Fig 10. Package outline SOT360-1 (TSSOP20)
UNIT
A1
A2
A3
bp
cD (1)
E (2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.95
0.80
0.30
0.19
0.2
0.1
6.6
6.4
4.5
4.3
0.65
6.6
6.2
0.4
0.3
0.5
0.2
8
0
o
o
0.13
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
0.75
0.50
SOT360-1
MO-153
99-12-27
03-02-19
w M
b p
D
Z
e
0.25
110
20
11
pin 1 index
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
HE
E
c
v M A
X
A
y
0
2.5
5 mm
scale
TSSOP20: plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1
A
max.
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com