Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC245ABZ Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74LVC245ABZ
Description  Octal bus transceiver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC245ABZ Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LVC245ABZ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC245ABZ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC245ABZ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC245ABZ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC245ABZ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC245ABZ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC245ABZ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC245ABZ Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC245ABZ Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Nexperia
74LVC245A; 74LVCH245A
Octal bus transceiver; 3-state
Tamb = -40 °C to +85 °C
Tamb =
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
II
input leakage
current
VI = 5.5 V or GND;
VCC = 3.6 V
[2]
-
±0.1
±5
-
±20
μA
IOZ
OFF-state output
current
VI = VIH or VIL;
VO = 5.5 V or GND;
VCC = 3.6 V
[3]
-
±0.1
±5
-
±20
μA
IOFF
power-off
leakage current
VI or VO = 5.5 V; VCC = 0.0 V
-
±0.1
±10
-
±20
μA
ICC
supply current
VI = VCC or GND; IO = 0 A;
VCC = 3.6 V
-
0.1
10
-
40
μA
ΔICC
additional supply
current
per input pin; VI = VCC - 0.6 V;
IO = 0 A; VCC = 2.7 V to 3.6 V
-
5
500
-
5000
μA
CI
input capacitance VCC = 0 V to 3.6 V;
VI = GND to VCC
-
4.0
-
-
-
pF
CI/O
input/output
capacitance
VCC = 0 V to 3.6 V;
VI = GND to VCC
-
10
-
-
-
pF
VCC = 1.65; VI = 0.58 V
[4] [5]
10
-
-
10
-
μA
VCC = 2.3; VI = 0.7 V
30
-
-
25
-
μA
IBHL
bus hold LOW
current
VCC = 3.0; VI = 0.8 V
75
-
-
60
-
μA
VCC = 1.65; VI = 1.07 V
[4] [5]
-10
-
-
-10
-
μA
VCC = 2.3; VI = 1.7 V
-30
-
-
-25
-
μA
IBHH
bus hold
HIGH current
VCC = 3.0; VI = 2.0 V
-75
-
-
-60
-
μA
VCC = 1.95 V
[4] [6]
200
-
-
200
-
μA
VCC = 2.7 V
300
-
-
300
-
μA
IBHLO
bus hold LOW
overdrive current
VCC = 3.6 V
500
-
-
500
-
μA
VCC = 1.95 V
[4] [6]
-200
-
-
-200
-
μA
VCC = 2.7 V
-300
-
-
-300
-
μA
IBHHO
bus hold HIGH
overdrive current
VCC = 3.6 V
-500
-
-
-500
-
μA
[1] All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb = 25 °C.
[2] The bus hold circuit is switched off when VI ˃ VCC allowing 5.5 V on the input terminal.
[3] For I/O ports the parameter IOZ includes the input leakage current.
[4] Valid for data inputs of bus hold parts only (74LVCH245A). Note that control inputs do not have a bus hold circuit.
[5] The specified sustaining current at the data input holds the input below the specified VI level.
[6] The specified overdrive current at the data input forces the data input to the opposite input state.
74LVC_LVCH245A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 11 — 29 April 2021
6 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com