Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC245ABZ Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC245ABZ
Description  Octal bus transceiver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC245ABZ Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC245ABZ Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC245ABZ Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC245ABZ Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC245ABZ Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC245ABZ Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC245ABZ Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC245ABZ Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC245ABZ Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC245ABZ Datasheet HTML 17Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Nexperia
74LVC245A; 74LVCH245A
Octal bus transceiver; 3-state
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT764-1
- - -
MO-241
- - -
sot764-1_po
03-01-27
14-12-12
Unit
mm
max
nom
min
1.00 0.05
4.6 3.15 2.6
0.5
3.5
0.1
A(1)
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
A1
b
0.30
c
D(1)
Dh E(1) Eh
1.00
e
e1
L
0.4
v
w
0.05
y
y1
0.90 0.02
0.2
4.5 3.00 2.5
0.25
0.05 0.1
0.85
0.3
0.80 0.00
4.4 2.85 2.4
0.18
1.15
0.5
detail X
B
A
e1
e
e
C
y
C
y1
X
A
C
B
v
C
w
scale
A
A1
c
L
Eh
Dh
b
2
9
19
12
11
10
1
20
D
E
terminal 1
index area
terminal 1
index area
0
5 mm
2.5
DHVQFN20: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads;
20 terminals; body 2.5 x 4.5 x 0.85 mm
SOT764-1
Fig. 12. Package outline SOT764-1 (DHVQFN20)
74LVC_LVCH245A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 11 — 29 April 2021
13 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com