Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LGN2C331MELY25 Datasheet(PDF) 1 Page - Nichicon corporation

Part # LGN2C331MELY25
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGN2C331MELY25 Datasheet(HTML) 1 Page - Nichicon corporation

  LGN2C331MELY25 Datasheet HTML 1Page - Nichicon corporation LGN2C331MELY25 Datasheet HTML 2Page - Nichicon corporation LGN2C331MELY25 Datasheet HTML 3Page - Nichicon corporation LGN2C331MELY25 Datasheet HTML 4Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
289
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100E
LGN
Snap-in Terminal Type, 105°C Smaller-Sized
Withstanding 3000 hours application of rated ripple current at
105°C.
One rank smaller case sized than LGU.
Addition of 500V rated voltage.
Compliant to the RoHS directive (2011/65/EU).
Specifications
Type numbering system (Example : 400V 180µF)
Drawing
Smaller
L
1
G
2
N
3
2
4
G
5
1
6
8
7
1
8
M
910
E
13
L
11
14
A
12
30
Configuration
Case dia. code
Case length code
Capacitance tolerance (±20%)
Rated capacitance (180µF)
Rated voltage (400V)
Series name
Type
φD
22
25
30
Code
Z
20
Y
A
B
35
C
(Terminal dimensions)
The other terminal is also available upon request.
Please refer page 322 for schematic of dimensions.
(PC board hole dimensions)
Polarity bar
(
10
)
L±2
4.0±0.5
Pressure relief vent
Sleeve (P.E.T.)
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8
+0.2
-0.1
LGN
LGU
Minimum order quantity : 50pcs.
Smaller
LGG
Marking
160 to 250
4
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
Shelf Life
Performance Characteristics
Item
–
40 to +105°C (160 to 250V) , – 25 to +105°C (350 to 500V)
160 to 500V
56 to 3300µF
± 20% at 120Hz, 20°C
Measurement frequency : 120Hz
Temperature : 20°C
Z – 25°C/ Z+20°C
Rated voltage (V)
Impedance ratio
ZT/Z20 (MAX.)
350 to 500
8
I
(µA) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (µF) V : Voltage (V)]
3 CV
Measurement frequency : 120Hz at 20°C
Rated voltage (V)
tan δ (MAX.)
160 to 420
0.15
450 to 500
0.20
Less than or equal to the initial specified value
Leakage current
Capacitance change
tan δ
Within ± 20% of the initial capacitance value
200% or less than the initial specified value
Less than or equal to the initial specified value
Leakage current
Capacitance change
tan δ
Within ± 20% of the initial capacitance value
200% or less than the initial specified value
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus
rated ripple current is applied for 3000 hours at 105°C,
the peak voltage shall not exceed the rated voltage.
After storing the capacitors under no load at 105°C
for 1000hours and then performing voltage treatment
based on JIS C 5101-4 clause 4.1 at 20°C,
they shall meet the characteristic requirements listed at right.
Printed with white color letter on black sleeve.
Dimension table in next page.


Similar Part No. - LGN2C331MELY25

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LGN2C331MELY25 NICHICON-LGN2C331MELY25 Datasheet
117Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LGN2C331MELY25

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com