Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LGN2C331MELY25 Datasheet(PDF) 2 Page - Nichicon corporation

Part # LGN2C331MELY25
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGN2C331MELY25 Datasheet(HTML) 2 Page - Nichicon corporation

  LGN2C331MELY25 Datasheet HTML 1Page - Nichicon corporation LGN2C331MELY25 Datasheet HTML 2Page - Nichicon corporation LGN2C331MELY25 Datasheet HTML 3Page - Nichicon corporation LGN2C331MELY25 Datasheet HTML 4Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
290
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100E
Dimensions
LGN
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
20 × 25
20 × 25
20 × 30
22 × 25
20 × 35
22 × 30
20 × 40
22 × 35
25 × 25
22 × 35
25 × 30
30 × 25
22 × 45
25 × 35
30 × 25
25 × 40
30 × 30
35 × 25
25 × 45
30 × 35
35 × 30
30 × 40
35 × 35
30 × 45
35 × 35
35 × 45
35 × 50
1170
1280
1400
1400
1500
1500
1700
1700
1700
2000
2000
2000
2200
2200
2200
2300
2300
2300
2500
2500
2500
2700
2700
2900
2900
3100
3300
0.68
0.74
0.82
0.82
0.89
0.89
0.98
0.98
0.98
1.08
1.08
1.08
1.20
1.20
1.20
1.31
1.31
1.31
1.46
1.46
1.46
1.60
1.60
1.77
1.77
1.97
2.17
LGN2C331MELY25
LGN2C391MELY25
LGN2C471MELY30
LGN2C471MELZ25
LGN2C561MELY35
LGN2C561MELZ30
LGN2C681MELY40
LGN2C681MELZ35
LGN2C681MELA25
LGN2C821MELZ35
LGN2C821MELA30
LGN2C821MELB25
LGN2C102MELZ45
LGN2C102MELA35
LGN2C102MELB25
LGN2C122MELA40
LGN2C122MELB30
LGN2C122MELC25
LGN2C152MELA45
LGN2C152MELB35
LGN2C152MELC30
LGN2C182MELB40
LGN2C182MELC35
LGN2C222MELB45
LGN2C222MELC35
LGN2C272MELC45
LGN2C332MELC50
160V (2C)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
20 × 25
20 × 30
22 × 25
20 × 35
22 × 30
20 × 40
22 × 30
25 × 25
20 × 45
22 × 35
25 × 30
22 × 40
25 × 35
30 × 25
25 × 40
30 × 30
35 × 25
25 × 45
30 × 35
35 × 30
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
30 × 50
35 × 40
35 × 50
1200
1280
1280
1380
1380
1500
1500
1500
1700
1700
1700
2000
2000
2000
2200
2200
2200
2300
2300
2300
2500
2500
2500
2700
2700
2900
2900
3100
0.73
0.79
0.79
0.87
0.87
0.95
0.95
0.95
1.04
1.04
1.04
1.15
1.15
1.15
1.27
1.27
1.27
1.39
1.39
1.39
1.55
1.55
1.55
1.70
1.70
1.88
1.88
2.09
LGN2Z331MELY25
LGN2Z391MELY30
LGN2Z391MELZ25
LGN2Z471MELY35
LGN2Z471MELZ30
LGN2Z561MELY40
LGN2Z561MELZ30
LGN2Z561MELA25
LGN2Z681MELY45
LGN2Z681MELZ35
LGN2Z681MELA30
LGN2Z821MELZ40
LGN2Z821MELA35
LGN2Z821MELB25
LGN2Z102MELA40
LGN2Z102MELB30
LGN2Z102MELC25
LGN2Z122MELA45
LGN2Z122MELB35
LGN2Z122MELC30
LGN2Z152MELA50
LGN2Z152MELB40
LGN2Z152MELC30
LGN2Z182MELB45
LGN2Z182MELC35
LGN2Z222MELB50
LGN2Z222MELC40
LGN2Z272MELC50
180V (2Z)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
20 × 25
20 × 30
22 × 25
20 × 30
22 × 25
20 × 35
22 × 30
25 × 25
20 × 40
22 × 35
22 × 40
25 × 30
30 × 25
22 × 45
25 × 35
22 × 50
25 × 45
30 × 30
35 × 25
25 × 50
30 × 35
35 × 30
30 × 40
35 × 35
30 × 50
35 × 40
35 × 45
990
1200
1200
1340
1310
1480
1480
1480
1600
1600
1750
1750
1750
2040
2040
2300
2300
2300
2300
2650
2650
2650
2800
2800
3080
3080
3480
0.69
0.77
0.77
0.83
0.83
0.91
0.91
0.91
1.00
1.00
1.10
1.10
1.10
1.21
1.21
1.34
1.34
1.34
1.34
1.46
1.46
1.46
1.64
1.64
1.80
1.80
1.98
LGN2D271MELY25
LGN2D331MELY30
LGN2D331MELZ25
LGN2D391MELY30
LGN2D391MELZ25
LGN2D471MELY35
LGN2D471MELZ30
LGN2D471MELA25
LGN2D561MELY40
LGN2D561MELZ35
LGN2D681MELZ40
LGN2D681MELA30
LGN2D681MELB25
LGN2D821MELZ45
LGN2D821MELA35
LGN2D102MELZ50
LGN2D102MELA45
LGN2D102MELB30
LGN2D102MELC25
LGN2D122MELA50
LGN2D122MELB35
LGN2D122MELC30
LGN2D152MELB40
LGN2D152MELC35
LGN2D182MELB50
LGN2D182MELC40
LGN2D222MELC45
200V (2D)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)
Rated ripple current (mArms) at 105°C 120Hz
220
270
330
390
470
560
680
820
1000
1200
1500
1800
20 × 25
20 × 30
22 × 25
20 × 35
22 × 25
20 × 35
22 × 30
25 × 25
20 × 45
22 × 35
22 × 40
25 × 35
30 × 25
22 × 45
25 × 35
30 × 30
22 × 50
25 × 40
30 × 35
35 × 25
25 × 50
30 × 35
35 × 30
30 × 40
35 × 35
30 × 50
35 × 40
35 × 50
980
1080
1080
1260
1260
1340
1340
1340
1480
1480
1610
1610
1610
1780
1780
1780
1930
1930
1930
1930
2330
2330
2330
2500
2500
2760
2760
3110
0.66
0.73
0.73
0.80
0.80
0.87
0.87
0.87
0.96
0.96
1.05
1.05
1.05
1.16
1.16
1.16
1.27
1.27
1.27
1.27
1.40
1.40
1.40
1.54
1.54
1.72
1.72
1.88
LGN2P221MELY25
LGN2P271MELY30
LGN2P271MELZ25
LGN2P331MELY35
LGN2P331MELZ25
LGN2P391MELY35
LGN2P391MELZ30
LGN2P391MELA25
LGN2P471MELY45
LGN2P471MELZ35
LGN2P561MELZ40
LGN2P561MELA35
LGN2P561MELB25
LGN2P681MELZ45
LGN2P681MELA35
LGN2P681MELB30
LGN2P821MELZ50
LGN2P821MELA40
LGN2P821MELB35
LGN2P821MELC25
LGN2P102MELA50
LGN2P102MELB35
LGN2P102MELC30
LGN2P122MELB40
LGN2P122MELC35
LGN2P152MELB50
LGN2P152MELC40
LGN2P182MELC50
220V (2P)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com