Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESS105M050AB2EA Datasheet(PDF) 6 Page - Kemet Corporation

Part # ESS105M050AB2EA
Description  Radial Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESS105M050AB2EA Datasheet(HTML) 6 Page - Kemet Corporation

Back Button ESS105M050AB2EA Datasheet HTML 2Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 3Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 4Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 5Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 6Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 7Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 8Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 9Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
© KEMET Electronics Corporation • One East Broward Boulevard
A4057_ESS • 8/30/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Radial Aluminum Electrolytic Capacitors – ESS, +105°C
Table 1 – Ratings & Part Number Reference cont.
(1) Insert packaging code. See Ordering Options Table for available options.
VDC
VDC Surge
Voltage
Rated
Capacitance
120 Hz 20°C (µF)
Case Size
D x L (mm)
DF
120 Hz
20°C
(tan δ %)
RC
120 Hz
105°C
(mA)
LC
20°C
2 minutes
(µA)
Part Number
35
44
22
5 x 7
12
48
7.7
ESS226M035AC2(1)
35
44
22
6.3 x 7
12
57
7.7
ESS226M035AE2(1)
35
44
33
6.3 x 7
12
70
11.6
ESS336M035AE2(1)
35
44
47
6.3 x 7
12
81
16.5
ESS476M035AE2(1)
50
63
1
4 x 7
10
10
3.0
ESS105M050AB2(1)
50
63
2.2
4 x 7
10
19
3.0
ESS225M050AB2(1)
50
63
3.3
4 x 7
10
24
3.0
ESS335M050AB2(1)
50
63
4.7
4 x 7
10
29
3.0
ESS475M050AB2(1)
50
63
4.7
5 x 7
10
31
3.0
ESS475M050AC2(1)
50
63
10
4 x 7
10
37
5.0
ESS106M050AB2(1)
50
63
10
5 x 7
10
45
5.0
ESS106M050AC2(1)
50
63
10
6.3 x 7
10
45
5.0
ESS106M050AE2(1)
50
63
22
6.3 x 7
10
65
11.0
ESS226M050AE2(1)
63
79
1
4 x 7
8
13
3.0
ESS105M063AB2(1)
63
79
2.2
4 x 7
8
21
3.0
ESS225M063AB2(1)
63
79
3.3
4 x 7
8
26
3.0
ESS335M063AB2(1)
63
79
4.7
4 x 7
8
26
3.0
ESS475M063AB2(1)
63
79
4.7
6.3 x 7
8
33
3.0
ESS475M063AE2(1)
63
79
10
5 x 7
8
42
6.3
ESS106M063AC2(1)
63
79
10
6.3 x 7
8
50
6.3
ESS106M063AE2(1)
VDC
VDC Surge
Rated Capacitance
Case Size
DF
RC
LC
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com