Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESS105M050AB2EA Datasheet(PDF) 3 Page - Kemet Corporation

Part # ESS105M050AB2EA
Description  Radial Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESS105M050AB2EA Datasheet(HTML) 3 Page - Kemet Corporation

  ESS105M050AB2EA Datasheet HTML 1Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 2Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 3Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 4Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 5Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 6Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 7Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 8Page - Kemet Corporation ESS105M050AB2EA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
© KEMET Electronics Corporation • One East Broward Boulevard
A4057_ESS • 8/30/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Radial Aluminum Electrolytic Capacitors – ESS, +105°C
Dimensions – Millimeters
L
P
SIDE VIEW
TERMINAL END VIEW
LL−
LL+
D
d
Size Code
D
L
P
d
LL+/LL−
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Mininimum
B2
4.0
±0.5
7
+1.5/−0
1.5
±0.5
0.45
Nominal
20/15
C2
5.0
±0.5
7
+1.5/−0
2.0
±0.5
0.45
Nominal
20/15
E2
6.3
±0.5
7
+1.5/−0
2.5
±0.5
0.45
Nominal
20/15
G1
8.0
±0.5
7
+1.5/−0
3.5
±0.5
0.50
Nominal
20/15
G2
8.0
±0.5
9
+1.5/−0
3.5
±0.5
0.50
Nominal
20/15
Performance Characteristics
Item
Performance Characteristics
Capacitance Range
1 – 470 µF
Capacitance Tolerance
±20% at 120 Hz/20°C
Rated Voltage
4 – 63 VDC
Life Test
1,000 hours (see conditions in Test Method & Performance)
Operating Temperature
−40°C to +105°C
Leakage Current
I ≤ 0.01 CV or 3 µA, whichever is greater
C = rated capacitance (µF), V = rated voltage (VDC). Voltage applied for 2 minutes at 20°C.
Impedance Z Characteristics at 120 Hz
Rated Voltage (VDC)
4
6
10
16
25
35
50
63
Z (−25°C)/Z (20°C)
6
4
3
2
2
2
2
2
Z (−40°C)/Z (20°C)
12
8
6
4
4
3
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com