Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESS336M010AB2AA Datasheet(PDF) 13 Page - Kemet Corporation

Part # ESS336M010AB2AA
Description  Radial Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESS336M010AB2AA Datasheet(HTML) 13 Page - Kemet Corporation

Back Button ESS336M010AB2AA Datasheet HTML 9Page - Kemet Corporation ESS336M010AB2AA Datasheet HTML 10Page - Kemet Corporation ESS336M010AB2AA Datasheet HTML 11Page - Kemet Corporation ESS336M010AB2AA Datasheet HTML 12Page - Kemet Corporation ESS336M010AB2AA Datasheet HTML 13Page - Kemet Corporation ESS336M010AB2AA Datasheet HTML 14Page - Kemet Corporation ESS336M010AB2AA Datasheet HTML 15Page - Kemet Corporation ESS336M010AB2AA Datasheet HTML 16Page - Kemet Corporation ESS336M010AB2AA Datasheet HTML 17Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
© KEMET Electronics Corporation • One East Broward Boulevard
A4057_ESS • 8/30/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Radial Aluminum Electrolytic Capacitors – ESS, +105°C
Marking
Series, Rated
Temperature
KEMET Logo
Polarity Stripe (−)
Rated Capacitance
Rated Voltage
(VDC)
Date Code
Year*/Month*
Manufacturing
Internal Codes
*Y = Year
Code
01
02
03
04
05
06
07
08
09
Year
2011
2012
2013
2014
2015
2016
2017
2018
2019
*M = Month
Code
01
02
03
04
05
06
07
08
09
10
11
12
Month
1
2
3
4
5
6
7
8
9
10
11
12
Construction
Detailed Cross Section
Margin
Rubber Seal
Lead
Terminal Tab
Aluminum Can
Insulating Sleeve
Lead (+)
Polarity Stripe (−)
Rubber Seal
Insulating Sleeve
Aluminum Can
with Safety Vent
Lead (−)
Anode Aluminum Foil, Etched,
Covered with Aluminum Oxide
(Second Layer)
Cathode Aluminum Foil,
Etched (Fourth Layer)
Paper Spacer Impregnated
with Electrolyte
(First Layer)
Paper Spacer Impregnated
with Electrolyte
(Third Layer)
Terminal Tabs
Insulating End Disc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com