Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESS336M010AB2AA Datasheet(PDF) 2 Page - Kemet Corporation

Part # ESS336M010AB2AA
Description  Radial Aluminum Electrolytic Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESS336M010AB2AA Datasheet(HTML) 2 Page - Kemet Corporation

  ESS336M010AB2AA Datasheet HTML 1Page - Kemet Corporation ESS336M010AB2AA Datasheet HTML 2Page - Kemet Corporation ESS336M010AB2AA Datasheet HTML 3Page - Kemet Corporation ESS336M010AB2AA Datasheet HTML 4Page - Kemet Corporation ESS336M010AB2AA Datasheet HTML 5Page - Kemet Corporation ESS336M010AB2AA Datasheet HTML 6Page - Kemet Corporation ESS336M010AB2AA Datasheet HTML 7Page - Kemet Corporation ESS336M010AB2AA Datasheet HTML 8Page - Kemet Corporation ESS336M010AB2AA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
© KEMET Electronics Corporation • One East Broward Boulevard
A4057_ESS • 8/30/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Radial Aluminum Electrolytic Capacitors – ESS, +105°C
Ordering Options Table
Diameter
Length
Packaging Type
Lead Type
Lead Length
(mm)
Lead and
Packaging Code
Standard Bulk Packaging Options
4 – 22
All
Bulk (bag)
Straight
20/15 Minimum
AA
Tape & Reel
4 – 5
All
Tape & Reel
Formed to 2.5 mm
H
0 = 16 ±0.75
LA
4 – 8
All
Tape & Reel
2.5 mm lead spacing
H
0 = 18.5 ±0.75
KA
4 – 8
All
Tape & Reel
Formed to 5 mm
H
0 = 16 ±0.75
JA
10
≤ 20
Tape & Reel
Straight
H
0 = 18.5 ±0.75
KA
Ammo Pack
4 – 8
All
Ammo
Formed to 5 mm
H
0 = 16 ±0.75
DA
4 – 8
All
Ammo
Straight
H
0 = 18.5 ±0.75
EA
4 – 5
All
Ammo
Formed to 2.5 mm
H
0 = 16 ±0.75
FA
10 – 13
All
Ammo
5 mm lead spacing
H
0 = 18.5 ±0.75
EA
16
All
Ammo
7.5 mm lead spacing
H
0 = 18.5 ±0.75
EA
18
≤ 25
Ammo
7.5 mm lead spacing
H
0 = 18.5 ±0.75
EA
Contact KEMET for other lead and packaging options
Environmental Compliance
As an environmentally conscious company, KEMET is working continuously with improvements concerning the environmental
effects of both our capacitors and their production. In Europe (RoHS Directive) and in some other geographical areas like
China, legislation has been put in place to prevent the use of some hazardous materials, such as lead (Pb), in electronic
equipment. All products in this catalog are produced to help our customers’ obligations to guarantee their products and fulfill
these legislative requirements. The only material of concern in our products has been lead (Pb), which has been removed
from all designs to fulfill the requirement of containing less than 0.1% of lead in any homogeneous material. KEMET will
closely follow any changes in legislation world wide and make any necessary changes in its products, whenever needed.
Some customer segments such as medical, military and automotive electronics may still require the use of lead in electrode
coatings. To clarify the situation and distinguish products from each other, a special symbol is used on the packaging labels
for RoHS compatible capacitors.
Due to customer requirements, there may appear additional markings such as lead free (LF) or lead-free wires (LFW) on the
label.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com