Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMC32PAS-Q Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # PIMC32PAS-Q
Description  50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMC32PAS-Q Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button PIMC32PAS-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 10Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 11Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 12Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 13Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 14Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 15Page - Nexperia B.V. All rights reserved PIMC32PAS-Q Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Nexperia
PIMC32PAS-Q
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
14. Revision history
Table 9. Revision history
Data sheet ID
Release date
Data sheet status
Change notice
Supersedes
PIMC32PAS-Q v.1
20230831
Product data sheet
-
-
PIMC32PAS-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
31 August 2023
14 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com