Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMN31PAS-Q Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PIMN31PAS-Q
Description  50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMN31PAS-Q Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PIMN31PAS-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved PIMN31PAS-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved PIMN31PAS-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMN31PAS-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMN31PAS-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMN31PAS-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMN31PAS-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMN31PAS-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMN31PAS-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PIMN31PAS-Q
50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor;
R1 = 1 kΩ, R2 = 10 kΩ
1 September 2023
Product data sheet
1. General description
NPN/NPN Resistor-Equipped double Transistor (RET) in a medium power SOT1118D
(DFN2020D-6) leadless Surface-Mounted Device (SMD) plastic package with side-wettable flanks
(SWF).
NPN/PNP complement: PIMC31PAS-Q
PNP/PNP complement: PIMP31PAS-Q
2. Features and benefits
• 500 mA output current capability
• Built-in resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• Qualified according to AEC-Q101 and recommended for use in automotive applications
3. Applications
• Digital applications
• Cost-saving alternative to BC817 series in digital applications
• Control of IC inputs
• Switching loads
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter
voltage
open base
-
-
50
V
IO
output current
-
-
500
mA
R1
bias resistor 1 (input)
[1]
0.7
1
1.3
kΩ
R2/R1
bias resistor ratio
Tamb = 25 °C
[1]
9
10
11
[1] See section "Test information" for resistor calculation and test conditions.


Similar Part No. - PIMN31PAS-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PIMN31PA NEXPERIA-PIMN31PA Datasheet
272Kb / 14P
50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
31 August 2023
PIMN31PAX NEXPERIA-PIMN31PAX Datasheet
272Kb / 14P
50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
31 August 2023
More results

Similar Description - PIMN31PAS-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUMH18 NEXPERIA-PUMH18 Datasheet
237Kb / 11P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 10 kΩ
31 March 2023
PDTD113ZT-Q NEXPERIA-PDTD113ZT-Q Datasheet
201Kb / 8P
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kΩ, R2 = 10 kΩ
6 April 2022
PDTD123YT-Q NEXPERIA-PDTD123YT-Q Datasheet
221Kb / 11P
50 V, 500 mA NPN resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
22 July 2022
PDTD113E_SER NEXPERIA-PDTD113E_SER Datasheet
245Kb / 11P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kΩ, R2 = 1 kΩ
Rev. 02 - 16 November 2009
PDTD113ZT NEXPERIA-PDTD113ZT Datasheet
897Kb / 8P
50 V, 500 mA NPN resistor-equipped transistor; R1 = 1 kΩ, R2 = 10 kΩ
1 January 2023
PIMN32-Q NEXPERIA-PIMN32-Q Datasheet
260Kb / 12P
50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
16 February 2022
PUMH9-Q NEXPERIA-PUMH9-Q Datasheet
254Kb / 13P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 10 kΩ, R2 = 47 kΩ
7 October 2021
PEMH11 NEXPERIA-PEMH11 Datasheet
223Kb / 11P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ
29 December 2022
PIMN32 NEXPERIA-PIMN32 Datasheet
259Kb / 11P
50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
16 February 2022
PUMH11 NEXPERIA-PUMH11 Datasheet
796Kb / 11P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ
1 October 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com