Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 375 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 375 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 371Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 372Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 373Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 374Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 375Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 376Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 377Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 378Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 379Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 483 page
background image
Peripherals
buffer[0]
buffer[1]
buffer[0]
buffer[1]
buffer[0]
buffer[1]
0x20000000 : MyArrayList[0]
0x20000004 : MyArrayList[1]
0x20000008 : MyArrayList[2]
buffer[2]
buffer[2]
buffer[2]
buffer[3]
buffer[3]
buffer[3]
Channel.PTR = &MyArrayList
Note: addresses are
assuming that
sizeof(buffer[n]) is one byte
Figure 99: EasyDMA array list
6.18.4 Low power
When putting the system in low power and the peripheral is not needed, lowest possible power
consumption is achieved by stopping, and then disabling the peripheral.
The STOP task may not be always needed (the peripheral might already be stopped), but if it is sent,
software shall wait until the STOPPED event was received as a response before disabling the peripheral
through the ENABLE register.
6.18.5 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40004000
SPIM
SPIM0
SPI master
Table 75: Instances
Register
Offset
Description
TASKS_START
0x010
Start SPI transaction
TASKS_STOP
0x014
Stop SPI transaction
TASKS_SUSPEND
0x01C
Suspend SPI transaction
TASKS_RESUME
0x020
Resume SPI transaction
EVENTS_STOPPED
0x104
SPI transaction has stopped
EVENTS_ENDRX
0x110
End of RXD buffer reached
EVENTS_END
0x118
End of RXD buffer and TXD buffer reached
EVENTS_ENDTX
0x120
End of TXD buffer reached
EVENTS_STARTED
0x14C
Transaction started
SHORTS
0x200
Shortcut register
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
ENABLE
0x500
Enable SPIM
PSEL.SCK
0x508
Pin select for SCK
PSEL.MOSI
0x50C
Pin select for MOSI signal
PSEL.MISO
0x510
Pin select for MISO signal
FREQUENCY
0x524
SPI frequency. Accuracy depends on the HFCLK source selected.
RXD.PTR
0x534
Data pointer
RXD.MAXCNT
0x538
Maximum number of bytes in receive buffer
RXD.AMOUNT
0x53C
Number of bytes transferred in the last transaction
RXD.LIST
0x540
EasyDMA list type
TXD.PTR
0x544
Data pointer
TXD.MAXCNT
0x548
Maximum number of bytes in transmit buffer
TXD.AMOUNT
0x54C
Number of bytes transferred in the last transaction
TXD.LIST
0x550
EasyDMA list type
CONFIG
0x554
Configuration register
ORC
0x5C0
Over-read character. Character clocked out in case and over-read of the TXD buffer.
Table 76: Register Overview
4430_161 v1.0
375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com