Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 399 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 399 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 395Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 396Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 397Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 398Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 399Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 400Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 401Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 402Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 403Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 483 page
background image
Peripherals
Temperature in °C (0.25° steps)
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
TEMP
Temperature in °C (0.25° steps)
Result of temperature measurement. Die temperature in °C,
2's complement format, 0.25 °C steps
Decision point: DATARDY
6.21.1.4 A0
Address offset: 0x520
Slope of 1st piece wise linear function
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A
Reset 0x00000326
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 0 1 0 0 1 1 0
Id
RW Field
Value Id
Value
Description
A
RW A0
Slope of 1st piece wise linear function
6.21.1.5 A1
Address offset: 0x524
Slope of 2nd piece wise linear function
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A
Reset 0x00000348
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 0 1 0 0 1 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW A1
Slope of 2nd piece wise linear function
6.21.1.6 A2
Address offset: 0x528
Slope of 3rd piece wise linear function
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A
Reset 0x000003AA
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 0 1 0 1 0 1 0
Id
RW Field
Value Id
Value
Description
A
RW A2
Slope of 3rd piece wise linear function
6.21.1.7 A3
Address offset: 0x52C
Slope of 4th piece wise linear function
4430_161 v1.0
399



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com