Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 403 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 403 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 399Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 400Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 401Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 402Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 403Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 404Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 405Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 406Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 407Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 483 page
background image
Peripherals
6.21.2 Electrical specification
6.21.2.1 Temperature Sensor Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
tTEMP
Time required for temperature measurement
36
µs
TTEMP,RANGE
Temperature sensor range
-40
85
°C
TTEMP,ACC
Temperature sensor accuracy
-5
5
°C
TTEMP,RES
Temperature sensor resolution
0.25
°C
TTEMP,STB
Sample to sample stability at constant device temperature
+/-0.25
°C
TTEMP,OFFST
Sample offset at 25°C
-2.5
2.5
°C
6.22 TIMER — Timer/counter
The TIMER can operate in two modes: timer and counter.
PCLK1M
Prescaler
TIMER Core
CC[0..n]
fTIMER
Increment
MODE
PRESCALER
Counter
BITMODE
PCLK16M
TIMER
Figure 105: Block schematic for timer/counter
The timer/counter runs on the high-frequency clock source (HFCLK) and includes a four-bit (1/2X)
prescaler that can divide the timer input clock from the HFCLK controller. Clock source selection between
PCLK16M and PCLK1M is automatic according to TIMER base frequency set by the prescaler. The TIMER
base frequency is always given as 16 MHz divided by the prescaler value.
The PPI system allows a TIMER event to trigger a task of any other system peripheral of the device. The PPI
system also enables the TIMER task/event features to generate periodic output and PWM signals to any
GPIO. The number of input/outputs used at the same time is limited by the number of GPIOTE channels.
The TIMER can operate in two modes, Timer mode and Counter mode. In both modes, the TIMER is
started by triggering the START task, and stopped by triggering the STOP task. After the timer is stopped
the timer can resume timing/counting by triggering the START task again. When timing/counting is
resumed, the timer will continue from the value it had prior to being stopped.
4430_161 v1.0
403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com