Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 405 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 405 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 401Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 402Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 403Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 404Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 405Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 406Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 407Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 408Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 409Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 483 page
background image
Peripherals
6.22.5 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40008000
TIMER
TIMER0
Timer 0
This timer instance has 4 CC registers
(CC[0..3])
0x40009000
TIMER
TIMER1
Timer 1
This timer instance has 4 CC registers
(CC[0..3])
0x4000A000
TIMER
TIMER2
Timer 2
This timer instance has 4 CC registers
(CC[0..3])
Table 84: Instances
Register
Offset
Description
TASKS_START
0x000
Start Timer
TASKS_STOP
0x004
Stop Timer
TASKS_COUNT
0x008
Increment Timer (Counter mode only)
TASKS_CLEAR
0x00C
Clear time
TASKS_SHUTDOWN
0x010
Shut down timer
Deprecated
TASKS_CAPTURE[0]
0x040
Capture Timer value to CC[0] register
TASKS_CAPTURE[1]
0x044
Capture Timer value to CC[1] register
TASKS_CAPTURE[2]
0x048
Capture Timer value to CC[2] register
TASKS_CAPTURE[3]
0x04C
Capture Timer value to CC[3] register
TASKS_CAPTURE[4]
0x050
Capture Timer value to CC[4] register
TASKS_CAPTURE[5]
0x054
Capture Timer value to CC[5] register
EVENTS_COMPARE[0] 0x140
Compare event on CC[0] match
EVENTS_COMPARE[1] 0x144
Compare event on CC[1] match
EVENTS_COMPARE[2] 0x148
Compare event on CC[2] match
EVENTS_COMPARE[3] 0x14C
Compare event on CC[3] match
EVENTS_COMPARE[4] 0x150
Compare event on CC[4] match
EVENTS_COMPARE[5] 0x154
Compare event on CC[5] match
SHORTS
0x200
Shortcut register
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
MODE
0x504
Timer mode selection
BITMODE
0x508
Configure the number of bits used by the TIMER
PRESCALER
0x510
Timer prescaler register
CC[0]
0x540
Capture/Compare register 0
CC[1]
0x544
Capture/Compare register 1
CC[2]
0x548
Capture/Compare register 2
CC[3]
0x54C
Capture/Compare register 3
CC[4]
0x550
Capture/Compare register 4
CC[5]
0x554
Capture/Compare register 5
Table 85: Register Overview
6.22.5.1 SHORTS
Address offset: 0x200
Shortcut register
4430_161 v1.0
405



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com