Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 409 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 409 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 405Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 406Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 407Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 408Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 409Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 410Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 411Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 412Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 413Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 483 page
background image
Peripherals
Configure the number of bits used by the TIMER
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW BITMODE
Timer bit width
16Bit
0
16 bit timer bit width
08Bit
1
8 bit timer bit width
24Bit
2
24 bit timer bit width
32Bit
3
32 bit timer bit width
6.22.5.6 PRESCALER
Address offset: 0x510
Timer prescaler register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A
Reset 0x00000004
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0
Id
RW Field
Value Id
Value
Description
A
RW PRESCALER
[0..9]
Prescaler value
6.22.5.7 CC[0]
Address offset: 0x540
Capture/Compare register 0
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW CC
Capture/Compare value
Only the number of bits indicated by BITMODE will be used
by the TIMER.
6.22.5.8 CC[1]
Address offset: 0x544
Capture/Compare register 1
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW CC
Capture/Compare value
Only the number of bits indicated by BITMODE will be used
by the TIMER.
4430_161 v1.0
409



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com