Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 412 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 412 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 408Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 409Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 410Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 411Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 412Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 413Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 414Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 415Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 416Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 483 page
background image
Peripherals
A typical TWI setup consists of one master and one or more slaves. For an example, see A typical TWI
setup comprising one master and three slaves on page 412. This TWIM is only able to operate as a
single master on the TWI bus. Multi-master bus configuration is not supported.
TWI master
(TWIM)
TWI slave
(Sensor)
Address = b1011000
TWI slave
Address = b1011011
SCL
SCL
TWI slave
(EEPROM)
Address = b1011001
SCL
R
VDD
R
VDD
SDA
SDA
SDA
SCL
SDA
Figure 107: A typical TWI setup comprising one master and three slaves
This TWI master supports clock stretching performed by the slaves. Note that the SCK pulse following a
stretched clock cycle may be shorter than specified by the I2C specification.
The TWI master is started by triggering the STARTTX or STARTRX tasks, and stopped by triggering the STOP
task. The TWI master will generate a STOPPED event when it has stopped following a STOP task. The TWI
master cannot get stopped while it is suspended, so the STOP task has to be issued after the TWI master
has been resumed.
After the TWI master is started, the STARTTX task or the STARTRX task should not be triggered again
before the TWI master has stopped, i.e. following a LASTRX, LASTTX or STOPPED event.
If a NACK is clocked in from the slave, the TWI master will generate an ERROR event.
6.23.1 EasyDMA
The TWI master implements EasyDMA for reading and writing to and from the RAM.
If the TXD.PTR and the RXD.PTR are not pointing to the Data RAM region, an EasyDMA transfer may result
in a HardFault or RAM corruption. See Memory on page 15 for more information about the different
memory regions.
The .PTR and .MAXCNT registers are double-buffered. They can be updated and prepared for the next RX/
TX transmission immediately after having received the RXSTARTED/TXSTARTED event.
The STOPPED event indicates that EasyDMA has finished accessing the buffer in RAM.
6.23.2 Master write sequence
A TWI master write sequence is started by triggering the STARTTX task. After the STARTTX task has been
triggered, the TWI master will generate a start condition on the TWI bus, followed by clocking out the
address and the READ/WRITE bit set to 0 (WRITE=0, READ=1).
The address must match the address of the slave device that the master wants to write to. The READ/
WRITE bit is followed by an ACK/NACK bit (ACK=0 or NACK=1) generated by the slave.
After receiving the ACK bit, the TWI master will clock out the data bytes found in the transmit buffer
located in RAM at the address specified in the TXD.PTR register. Each byte clocked out from the master will
be followed by an ACK/NACK bit clocked in from the slave.
A typical TWI master write sequence is illustrated in TWI master writing data to a slave on page 413.
Occurrence 2 in the figure illustrates clock stretching performed by the TWI master following a SUSPEND
task.
A SUSPENDED event indicates that the SUSPEND task has taken effect; this event can be used to
synchronize the software.
4430_161 v1.0
412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com