Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 416 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 416 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 412Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 413Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 414Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 415Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 416Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 417Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 418Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 419Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 420Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 483 page
background image
Peripherals
6.23.7 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40003000
TWIM
TWIM0
Two-wire interface master
Table 87: Instances
Register
Offset
Description
TASKS_STARTRX
0x000
Start TWI receive sequence
TASKS_STARTTX
0x008
Start TWI transmit sequence
TASKS_STOP
0x014
Stop TWI transaction. Must be issued while the TWI master is not suspended.
TASKS_SUSPEND
0x01C
Suspend TWI transaction
TASKS_RESUME
0x020
Resume TWI transaction
EVENTS_STOPPED
0x104
TWI stopped
EVENTS_ERROR
0x124
TWI error
EVENTS_SUSPENDED 0x148
Last byte has been sent out after the SUSPEND task has been issued, TWI traffic is now
suspended.
EVENTS_RXSTARTED
0x14C
Receive sequence started
EVENTS_TXSTARTED
0x150
Transmit sequence started
EVENTS_LASTRX
0x15C
Byte boundary, starting to receive the last byte
EVENTS_LASTTX
0x160
Byte boundary, starting to transmit the last byte
SHORTS
0x200
Shortcut register
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
ERRORSRC
0x4C4
Error source
ENABLE
0x500
Enable TWIM
PSEL.SCL
0x508
Pin select for SCL signal
PSEL.SDA
0x50C
Pin select for SDA signal
FREQUENCY
0x524
TWI frequency. Accuracy depends on the HFCLK source selected.
RXD.PTR
0x534
Data pointer
RXD.MAXCNT
0x538
Maximum number of bytes in receive buffer
RXD.AMOUNT
0x53C
Number of bytes transferred in the last transaction
RXD.LIST
0x540
EasyDMA list type
TXD.PTR
0x544
Data pointer
TXD.MAXCNT
0x548
Maximum number of bytes in transmit buffer
TXD.AMOUNT
0x54C
Number of bytes transferred in the last transaction
TXD.LIST
0x550
EasyDMA list type
ADDRESS
0x588
Address used in the TWI transfer
Table 88: Register Overview
6.23.7.1 SHORTS
Address offset: 0x200
Shortcut register
4430_161 v1.0
416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com