Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 427 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 427 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 423Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 424Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 425Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 426Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 427Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 428Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 429Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 430Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 431Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 483 page
background image
Peripherals
Symbol
Type
Description
ENABLE
Register
The TWI slave has been enabled via the ENABLE register
PREPARETX
Task
The TASKS_PREPARETX task has been triggered
STOP
Task
The TASKS_STOP task has been triggered
PREPARERX
Task
The TASKS_PREPARERX task has been triggered
STOPPED
Event
The EVENTS_STOPPED event was generated
RXSTARTED
Event
The EVENTS_RXSTARTED event was generated
TXSTARTED
Event
The EVENTS_TXSTARTED event was generated
TX prepared
Internal
Internal flag indicating that a TASKS_PREPARETX task has been triggered. This flag is not visible to the
user.
RX prepared
Internal
Internal flag indicating that a TASKS_PREPARERX task has been triggered. This flag is not visible to the
user.
Unprepare TX
Internal
Clears the internal 'TX prepared' flag until next TASKS_PREPARETX task.
Unprepare RX
Internal
Clears the internal 'RX prepared' flag until next TASKS_PREPARERX task.
Stop sequence
TWI protocol
A TWI stop sequence was detected
Restart sequence
TWI protocol
A TWI restart sequence was detected
Table 89: TWI slave state machine symbols
The TWI slave supports clock stretching performed by the master.
The TWI slave operates in a low power mode while waiting for a TWI master to initiate a transfer. As long
as the TWI slave is not addressed, it will remain in this low power mode.
To secure correct behaviour of the TWI slave, PSEL.SCL, PSEL.SDA, CONFIG and the ADDRESS[n] registers,
must be configured prior to enabling the TWI slave through the ENABLE register. Similarly, changing these
settings must be performed while the TWI slave is disabled. Failing to do so may result in unpredictable
behaviour.
6.24.1 EasyDMA
The TWI slave implements EasyDMA for reading and writing to and from the RAM.
The STOPPED event indicates that EasyDMA has finished accessing the buffer in RAM.
If the TXD.PTR and the RXD.PTR are not pointing to the Data RAM region, an EasyDMA transfer may result
in a HardFault or RAM corruption. See Memory on page 15 for more information about the different
memory regions.
6.24.2 TWI slave responding to a read command
Before the TWI slave can respond to a read command the TWI slave must be configured correctly and
enabled via the ENABLE register. When enabled the TWI slave will be in its IDLE state where it will
consume IIDLE .
A read command is started when the TWI master generates a start condition on the TWI bus, followed
by clocking out the address and the READ/WRITE bit set to 1 (WRITE=0, READ=1). The READ/WRITE bit is
followed by an ACK/NACK bit (ACK=0 or NACK=1) response from the TWI slave.
The TWI slave is able to listen for up to two addresses at the same time. Which addresses to listen for is
configured in the ADDRESS registers and the CONFIG register.
The TWI slave will only acknowledge (ACK) the read command if the address presented by the master
matches one of the addresses the slave is configured to listen for. The TWI slave will generate a READ
event when it acknowledges the read command.
The TWI slave is only able to detect a read command from the IDLE state.
The TWI slave will set an internal 'TX prepared' flag when the PREPARETX task is triggered.
4430_161 v1.0
427



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com