Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 430 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 430 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 426Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 427Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 428Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 429Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 430Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 431Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 432Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 433Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 434Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 483 page
background image
Peripherals
1
3
2
ADDR
0
M-1
M
2
4
Stretch
1
Figure 118: The TWI slave responding to a write command
6.24.4 Master repeated start sequence
An example of a repeated start sequence is one in which the TWI master writes two bytes to the slave
followed by reading four bytes from the slave.
This is illustrated in A repeated start sequence, where the TWI master writes two bytes followed by
reading four bytes from the slave on page 430.
It is here assumed that the receiver does not know in advance what the master wants to read, and
that this information is provided in the first two bytes received in the write part of the repeated start
sequence. To guarantee that the CPU is able to process the received data before the TWI slave starts to
reply to the read command, the SUSPEND task is triggered via a shortcut from the READ event generated
when the read command is received. When the CPU has processed the incoming data and prepared the
correct data response, the CPU will resume the transaction by triggering the RESUME task.
ADDR
0
3
3
ADDR
0
1
1
2
2
1
Figure 119: A repeated start sequence, where the TWI master
writes two bytes followed by reading four bytes from the slave
6.24.5 Terminating an ongoing TWI transaction
In some situations, e.g. if the external TWI master is not responding correctly, it may be required to
terminate an ongoing transaction.
This can be achieved by triggering the STOP task. In this situation a STOPPED event will be generated when
the TWI has stopped independent of whether or not a STOP condition has been generated on the TWI bus.
The TWI slave will release the bus when it has stopped and go back to its IDLE state.
4430_161 v1.0
430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com