Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 442 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 442 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 438Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 439Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 440Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 441Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 442Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 443Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 444Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 445Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 446Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 483 page
background image
Peripherals
1
2
3
4
5
6
7
8
9
2
3
1
2
3
4
5
6
7
8
9
1
10
10
4
11
12
12
11
1
2
0x20000000
0x20000001
Data RAM
3
4
0x20000002
0x20000003
5
6
7
0x20000010
0x20000011
8
9
0x20000012
0x20000013
10
11
12
0x20000020
0x20000021
-
-
0x20000022
0x20000023
-
0x20000004
0x20000014
0x20000024
Figure 123: UARTE reception
The UARTE receiver is stopped by triggering the STOPRX task. An RXTO event is generated when the UARTE
has stopped. The UARTE will make sure that an impending ENDRX event will be generated before the RXTO
event is generated. This means that the UARTE will guarantee that no ENDRX event will be generated after
RXTO, unless the UARTE is restarted or a FLUSHRX command is issued after the RXTO event is generated.
Important: If the ENDRX event has not already been generated when the UARTE receiver has come
to a stop, which implies that all pending content in the RX FIFO has been moved to the RX buffer,
the UARTE will generate the ENDRX event explicitly even though the RX buffer is not full. In this
scenario the ENDRX event will be generated before the RXTO event is generated.
To be able to know how many bytes have actually been received into the RX buffer, the CPU can read the
RXD.AMOUNT register following the ENDRX event or the RXTO event.
The UARTE is able to receive up to four bytes after the STOPRX task has been triggered as long as these are
sent in succession immediately after the RTS signal is deactivated. This is possible because after the RTS is
deactivated the UARTE is able to receive bytes for an extended period equal to the time it takes to send 4
bytes on the configured baud rate.
After the RXTO event is generated the internal RX FIFO may still contain data, and to move this data to
RAM the FLUSHRX task must be triggered. To make sure that this data does not overwrite data in the RX
buffer, the RX buffer should be emptied or the RXD.PTR should be updated before the FLUSHRX task is
triggered. To make sure that all data in the RX FIFO is moved to the RX buffer, the RXD.MAXCNT register
must be set to RXD.MAXCNT > 4, see UARTE reception with forced stop via STOPRX on page 443. The
UARTE will generate the ENDRX event after completing the FLUSHRX task even if the RX FIFO was empty or
if the RX buffer does not get filled up. To be able to know how many bytes have actually been received into
the RX buffer in this case, the CPU can read the RXD.AMOUNT register following the ENDRX event.
4430_161 v1.0
442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com