Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 188 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 188 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 184Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 185Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 186Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 187Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 188Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 189Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 190Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 191Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 192Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 483 page
background image
Peripherals
Symbol
Description
Min.
Typ.
Max.
Units
VIL
Input low voltage
VSS
0.3 x
VDD
V
VOH,SD
Output high voltage, standard drive, 0.5 mA, VDD ≥1.7
VDD-0.4
VDD
V
VOH,HDH
Output high voltage, high drive, 5 mA, VDD >= 2.7 V
VDD-0.4
VDD
V
VOH,HDL
Output high voltage, high drive, 3 mA, VDD >= 1.7 V
VDD-0.4
VDD
V
VOL,SD
Output low voltage, standard drive, 0.5 mA, VDD ≥1.7
VSS
VSS+0.4 V
VOL,HDH
Output low voltage, high drive, 5 mA, VDD >= 2.7 V
VSS
VSS+0.4 V
VOL,HDL
Output low voltage, high drive, 3 mA, VDD >= 1.7 V
VSS
VSS+0.4 V
IOL,SD
Current at VSS+0.4 V, output set low, standard drive, VDD
≥1.7
1
2
4
mA
IOL,HDH
Current at VSS+0.4 V, output set low, high drive, VDD >= 2.7
V
6
10
15
mA
IOL,HDL
Current at VSS+0.4 V, output set low, high drive, VDD >= 1.7
V
3
mA
IOH,SD
Current at VDD-0.4 V, output set high, standard drive, VDD
≥1.7
1
2
4
mA
IOH,HDH
Current at VDD-0.4 V, output set high, high drive, VDD >= 2.7
V
6
9
14
mA
IOH,HDL
Current at VDD-0.4 V, output set high, high drive, VDD >= 1.7
V
3
mA
tRF,15pF
Rise/fall time, standard drive mode, 10-90%, 15 pF load1
9
ns
tRF,25pF
Rise/fall time, standard drive mode, 10-90%, 25 pF load1
13
ns
tRF,50pF
Rise/fall time, standard drive mode, 10-90%, 50 pF load1
25
ns
tHRF,15pF
Rise/Fall time, high drive mode, 10-90%, 15 pF load1
4
ns
tHRF,25pF
Rise/Fall time, high drive mode, 10-90%, 25 pF load1
5
ns
tHRF,50pF
Rise/Fall time, high drive mode, 10-90%, 50 pF load1
8
ns
RPU
Pull-up resistance
11
13
16
kΩ
RPD
Pull-down resistance
11
13
16
kΩ
CPAD
Pad capacitance
3
pF
6.9 GPIOTE — GPIO tasks and events
The GPIO tasks and events (GPIOTE) module provides functionality for accessing GPIO pins using tasks and
events. Each GPIOTE channel can be assigned to one pin.
A GPIOTE block enables GPIOs to generate events on pin state change which can be used to carry out tasks
through the PPI system. A GPIO can also be driven to change state on system events using the PPI system.
Low power detection of pin state changes is possible when in System ON or System OFF.
Instance
Number of GPIOTE channels
GPIOTE
8
Table 38: GPIOTE properties
Up to three tasks can be used in each GPIOTE channel for performing write operations to a pin. Two tasks
are fixed (SET and CLR), and one (OUT) is configurable to perform following operations:
• Set
• Clear
• Toggle
1 Rise and fall times based on simulations
4430_161 v1.0
188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com